Electronic Components Datasheet Search |
|
3998-0SA2-22002 Datasheet(PDF) 2 Page - Emcore Corporation |
|
3998-0SA2-22002 Datasheet(HTML) 2 Page - Emcore Corporation |
2 / 7 page DATASHEET | AUGUST 2012 FIBER OPTICS | REV 2012.08 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Optical / Electrical Characteristics L-type Property Units Models Comments Performance (note 1-8) 3998-L01 3998-L02 3998-L03 3998-L04 Specified Link Length L (km) 25 25 25 25 Channel Plan NTSC 80-Ch PAL 60-Ch NTSC 110-ch PAL 89-Ch With 36 QPSK carriers from 950 to 2800 MHz Optical Output Power Po (dBm) 8.5/8.5 8.5/8.5 8.5/8.5 8.5/8.5 Min. 10 dBm version avail. See Chart Noise Bandwidth BW (MHz) 4 5 4 5 SBS Suppression (dBm) 15.0 15.0 15.0 15.0 Min. CATV Carrier to Noise Ratio CNR (dB) 51.0 51.0 49.5 49.5 Min. CATV Composite Second Order CSO (dBc) -65 -65 -65 -65 Max. Port 1 CATV Composite Triple Beat CTB (dBc) -65 -65 -65 -65 Max. @ +25 C CATV Composite Triple Beat CTB (dBc) -64 -64 -64 -64 Max. @ 0 oC to 50oC SAT-IF Carrier to Noise Ratio CNR (dB) 27 27 27 27 Min. SAT-IF Intermodulation Products (dBc) -35 -35 -35 -35 Max. Port 1 SAT-IF Spurious Products (dBc) -38 -38 -38 -38 Max. D-type Property Units Models Comments Performance (note 1-7) 3998-D01 3998-D02 3998-D03 3998-D04 Specified Link Length L (km) 40 40 40 40 Channel Plan NTSC 80-Ch PAL 60-Ch NTSC 110-ch PAL 89-Ch Optical Output Power Po (dBm) 11.0 11.0 11.0 11.0 Min. Noise Bandwidth BW (MHz) 4 5 4 5 SBS Suppression (dBm) > 12.0 >12.0 >12.0 >12.0 Min. Carrier to Noise Ratio CNR (dB) 54.0 54.0 51.0 51.0 Min. Composite Second Order CSO (dBc) -65 -65 -65 -65 Max. Composite Triple Beat CTB (dBc) -65 -65 -65 -65 Max. @ +25 C Composite Triple Beat CTB (dBc) -64 -64 -64 -64 Max. @ 0 oC to 50oC S-type Property Units Models Comments Performance (Note 1-7) 3998-SA1 3998-SA2 3998-SA3 3998-SA4 3998-SA5 Specified Link Length L (km) 65 65 65 65 65 Channel Plan NTSC 80 PAL 60 NTSC 110 PAL 89 42 CENELEC Optical Output Power Po (dBm) 7.0/ 7.0 7.0/ 7.0 7.0/ 7.0 7.0/ 7.0 7.0/ 7.0 Min. - Higher Powers Available See Chart Noise Bandwidth BW (MHz) 4 5 4 5 5 SBS Suppression (dBm) 16.0 16.0 16.0 16.0 16.0 Min. Carrier to Noise Ratio CNR (dB) 53.0/ 53.0 53.0/ 53.0 50.0/ 50.0 50.0/ 50.0 53.0/ 53.0 Min. Composite Second Order CSO (dBc) -65/ -65 -65/ -65 -65/ -65 -65/ -65 -65/ -65 Max. Composite Triple Beat CTB (dBc) -65 -65 -65 -65 -65 Max. @ +25 C Composite Triple Beat CTB (dBc) -64 -64 -64 -64 -64 Max. @ 0 oC to 50oC 3998 Series 1550 nm Externally Modulated Transmitter |
Similar Part No. - 3998-0SA2-22002 |
|
Similar Description - 3998-0SA2-22002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |