Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9249 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9249
Description  SHV Tee Adapter Jack-Plug-Jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9249 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9249 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9249 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SHV Tee Adapter Jack-Plug-Jack
Configuration
Connector 1
SHV Jack
Connector 2
SHV Plug
Connector 3
SHV Jack
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.712 [43.48]
Width/Dia., in [mm]
1.372 [34.85]
Height, in [mm]
0.57 [14.48]
.
Connector 1
Type
SHV Jack
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Connector 2
Type
SHV Plug
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Connector 3
Type
SHV Jack
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/shv-jack-plug-jack-tee-adapter-pe9249-p.aspx
SHV Tee Adapter Jack-Plug-Jack from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SHV Tee Adapter Jack-Plug-Jack
PE9249
PE9249 REV


Similar Part No. - PE9249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9240 PASTERNACK-PE9240 Datasheet
254Kb / 3P
   Bulkhead SMB Jack to BNC Female Adapter
PE9241 PASTERNACK-PE9241 Datasheet
240Kb / 2P
   Bulkhead SMB Plug to BNC Female Adapter
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
   SMC Tee Adapter Jack-Plug-Jack
PE9243 PASTERNACK-PE9243 Datasheet
76Kb / 1P
   SMB TEE, JACK-PLUG-JACK
PE9244 PASTERNACK-PE9244 Datasheet
78Kb / 1P
   75 OHM SMC TEE, JACK-PLUG-JACK
More results

Similar Description - PE9249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
   SMC Tee Adapter Jack-Plug-Jack
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
   SMB Tee Adapter Plug-Jack-Jack
logo
List of Unclassifed Man...
THA101 ETC2-THA101 Datasheet
138Kb / 1P
   HN PLUG-JACK-JACK TEE ADAPTER
logo
Pasternack Enterprises,...
PE9749 PASTERNACK-PE9749 Datasheet
239Kb / 2P
   SHV Plug to SHV Jack Adapter
PE9337 PASTERNACK-PE9337 Datasheet
248Kb / 3P
   SHV Jack to SHV Jack Adapter
PE9375 PASTERNACK-PE9375 Datasheet
258Kb / 3P
   BNC Twinax Tee Adapter Jack-Plug-Jack
PE9302 PASTERNACK-PE9302 Datasheet
258Kb / 3P
   SMB Tee Adapter Jack-Jack-Jack
PE9244 PASTERNACK-PE9244 Datasheet
236Kb / 3P
   75 Ohm SMC Tee Adapter Jack-Plug-Jack
PE9338 PASTERNACK-PE9338 Datasheet
236Kb / 2P
   SHV Plug to SHV Jack Right Angle Adapter
PE9279 PASTERNACK-PE9279 Datasheet
252Kb / 3P
   BNC Twinax Tee Adapter Jack-Jack-Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com