Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1082CM-33 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS1082CM-33
Description  10A LOW DROPOUT VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1082CM-33 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS1082CM-33 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1082CM-33 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1082CM-33 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1082CM-33 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1082CM-33 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1082CM-33 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1082CM-33 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1082CM-33 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1082
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Current Limit
AMS1082/-1.5/-2.5/-2.85/
-3.0/-3.3/-3.5/-5.0
(VIN - VOUT) = 5V
10.1
11.0
12.0
A
Minimum Load
Current
AMS1082
(VIN - VOUT) = 12V (Note 5)
5
10
mA
Quiescent Current
AMS1082/-1.5/-2.5/-2.85/
-3.0/-3.3/-3.5/-5.0
VIN
≤ 12V
5
10
mA
Ripple Rejection
AMS1082
f =120Hz , COUT = 25
µF Tantalum, I
OUT = 10A,
(VIN-VOUT ) = 3V, CADJ =25
µF
60
75
dB
AMS1082-1.5
f =120Hz , COUT = 25
µF Tantalum, I
OUT = 10A,
VIN = 4.5V
60
72
dB
AMS1082-2.5
f =120Hz , COUT = 25
µF Tantalum, I
OUT = 10A,
VIN = 5.5V
60
72
dB
AMS1082-2.85
f =120Hz , COUT = 25
µF Tantalum, I
OUT = 10A,
VIN = 6V
60
72
dB
AMS1082-3.0
f =120Hz , COUT = 25
µF Tantalum, I
OUT = 10A
VIN = 6V
60
72
dB
AMS1082-3.3
f =120Hz , COUT = 25
µF Tantalum, I
OUT = 10A
VIN = 6.3V
60
72
dB
AMS1082-3.5
f =120Hz , COUT = 25
µF Tantalum, I
OUT = 10A
VIN = 6.5V
60
72
dB
AMS1082-5.0
f =120Hz , COUT = 25
µF Tantalum, I
OUT = 10A
VIN = 8V
60
68
dB
Thermal Regulation
AMS1082
TA = 25°C, 30ms pulse
0.008
0.04
%W
Adjust Pin Current
AMS1082
10mA
≤ I
OUT
≤ 10A , 1.5V≤ (V
IN - VOUT)
≤ 12V
55
120
µA
µA
Adjust Pin Current
Change
AMS1082
10mA
≤ I
OUT
≤ 10A , 1.5V≤ (V
IN - VOUT)
≤ 12V
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
TA =125°C, 1000Hrs
0.3
1
%
RMS Output Noise
(% of VOUT )
TA = 25°C , 10Hz
≤ f ≤ 10kHz
0.003
%
Thermal Resistance
Junction-to-Case
M Package: Control Circuitry/ Power Transistor
T Package: Control Circuitry/ Power Transistor
1.5/4.0
1.5/4.0
°C/W
°C/W
Parameters identified with boldface type apply over the full operating temperature range.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: Line and Load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the input/output differential
and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
Note 3:See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction
temperature by low duty cycle pulse testing. Load regulation is measured at the output lead ~1/8” from the package.
Note 4: Dropout voltage is specified over the full output current range of the device.
Note 5: Minimum load current is defined as the minimum output current required to maintain regulation. When (VIN - VOUT) = 12V the device is guaranteed to
regulate if the output current is greater than 10mA.


Similar Part No. - AMS1082CM-33

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1082CM-3.0 ADMOS-AMS1082CM-3.0 Datasheet
88Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082CM-3.3 ADMOS-AMS1082CM-3.3 Datasheet
88Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082CM-3.5 ADMOS-AMS1082CM-3.5 Datasheet
88Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS1082CM-33

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510 Datasheet
77Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510 ADMOS-AMS1510_05 Datasheet
90Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082_05 Datasheet
88Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
LT1581 LINER-LT1581 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com