Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9266 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9266
Description  MHV Male to MHV Female Right Angle Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9266 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9266 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9266 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Male to MHV Female Right Angle Adapter
Configuration
Connector 1
MHV Male
Connector 2
MHV Female
Adapter Design
Standard
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.096 [27.84]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
0.84 [21.34]
.
Dielectric Type
PTFE
Connector 1
Type
MHV Male
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Connector 2
Type
MHV Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-male-mhv-female-right-angle-adapter-pe9266-p.aspx
MHV Male to MHV Female Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
MHV Male to MHV Female Right Angle Adapter
PE9266
PE9266 REV


Similar Part No. - PE9266

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9260 PASTERNACK-PE9260 Datasheet
244Kb / 2P
   SMA Female to GR874 Sexless Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
   N Female to BNC Female Bulkhead Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
   SMA Male to SMA Female Radius Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
   SMA Male to SMA Female Radius Right Angle Adapter
PE9263 PASTERNACK-PE9263 Datasheet
251Kb / 3P
   N Female to TNC Male Right Angle Adapter
More results

Similar Description - PE9266

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9267 PASTERNACK-PE9267 Datasheet
251Kb / 3P
   MHV Female to MHV Female Adapter
PE9264 PASTERNACK-PE9264 Datasheet
234Kb / 2P
   HN Male to MHV Female Adapter
PE9406 PASTERNACK-PE9406 Datasheet
241Kb / 2P
   BNC Male to MHV Female Adapter
PE9297 PASTERNACK-PE9297 Datasheet
249Kb / 3P
   BNC Female to MHV Male Adapter
PE9268 PASTERNACK-PE9268 Datasheet
239Kb / 2P
   Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
PE9211 PASTERNACK-PE9211 Datasheet
241Kb / 3P
   MHV Tee Adapter Female-Male-Female
PE34423 PASTERNACK-PE34423 Datasheet
265Kb / 1P
   CABLE ASSEMBLY RG225/U MHV MALE TO MHV MALE TO MHV MALE
PE35799 PASTERNACK-PE35799 Datasheet
105Kb / 1P
   CABLE ASSEMBLY, RG174A/U, MHV MALE TO MHV MALE RIGHT ANGLE
PE9339 PASTERNACK-PE9339 Datasheet
238Kb / 2P
   MHV Female to SHV Jack Adapter
PE9265 PASTERNACK-PE9265 Datasheet
238Kb / 2P
   MHV Female to SHV Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com