Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA2124-2-DC-SC-03 Datasheet(PDF) 4 Page - Emcore Corporation

Part # PONA2124-2-DC-SC-03
Description  Erbium Doped Fiber Amplifier (EDFA)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA2124-2-DC-SC-03 Datasheet(HTML) 4 Page - Emcore Corporation

  PONA2124-2-DC-SC-03 Datasheet HTML 1Page - Emcore Corporation PONA2124-2-DC-SC-03 Datasheet HTML 2Page - Emcore Corporation PONA2124-2-DC-SC-03 Datasheet HTML 3Page - Emcore Corporation PONA2124-2-DC-SC-03 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Information
PONA 21
-
-
-
-
*
Notes:
1. For ordering PONA preamplifiers please contact your Sales Representative
2. Only some models can be order with Gain Flattened and/or Low NF options. (-01, -02, and –03 suffixes). Please contact your
Emcore Sales Representative for details
Laser Safety Information
This product meets the applicable requirements of 21 CFR 1010 & 1040 and is classified as a Class IV laser product based
on the maximum optical output power shown below. During use as intended, the laser energy is fully contained within the
fiber network such that there is no accessible laser radiation and would meet the requirements for a Class I laser product.
The laser product report has been submitted to the CDRH and the accession number is expected by October 2006.
Wavelength = 1530 ~ 1561 nm (dependant on input source)
Maximum Output Power = 1.0 W (single output, 30 dBm model)
Optical Output
Power
Output
Ports
Input Voltage
Connector
GFF/ NF Options
14 - 14 dBm
1
AC – 90-260V 50/60 Hz
SC – SC/APC (Default Option)
00 - Standard
17 - 17 dBm
2
DC – 48 V
FC - FC/APC (Default Option)
01 – Gain Flattened Option
20 - 20 dBm
4
2DC – Redundant 48 V
EC - E2000/APC
02 - Low NF Option
TC - SC/UPC
22 - 22 dBm
8
GC - FC/UPC
03 – Gain Flattened AND Low
NF Option
24 - 24 dBm
16
27 - 27 dBm
30 - 30 dBm
PONA 2100 Series


Similar Part No. - PONA2124-2-DC-SC-03

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA2124-2-DC-SC-00 EMCORE-PONA2124-2-DC-SC-00 Datasheet
481Kb / 4P
   Full Functionality 1 RU EDFA
More results

Similar Description - PONA2124-2-DC-SC-03

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com