|
| MMBR4957LT1 |
|
||
|
MOTOROLA |
|
3 page
3 MMBR4957LT1, T3 MOTOROLA RF DEVICE DATA PACKAGE DIMENSIONS CASE 318–07 ISSUE AD STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR D J K L A C B S H G V 3 1 2 DIM A MIN MAX MIN MAX MILLIMETERS 0.1102 0.1197 2.80 3.04 INCHES B 0.0472 0.0551 1.20 1.40 C 0.0350 0.0440 0.89 1.11 D 0.0150 0.0200 0.37 0.50 G 0.0701 0.0807 1.78 2.04 H 0.0005 0.0040 0.013 0.100 J 0.0034 0.0070 0.085 0.177 K 0.0180 0.0236 0.45 0.60 L 0.0350 0.0401 0.89 1.02 S 0.0830 0.0984 2.10 2.50 V 0.0177 0.0236 0.45 0.60 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIUMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MMBR521LT1 | HIGH-FREQUENCY TRANSISTOR PNP SILICON | 1 2 3 4 5 More | Motorola, Inc |
| MRF5583 | SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON | 1 2 3 4 | Motorola, Inc |
| 2SC5433 | NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION | 1 2 3 4 5 More | NEC |
| MUN5111 | Bias Resistor Transistor PNP Silicon | 1 2 3 4 5 More | Weitron Technology |
| UPA1436H | PNP SILICON EPITAXOAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON | 1 2 3 4 | NEC |
| MRF587 | HIGH-FREQUENCY TRANSISTOR NPN SILICON | 1 2 3 4 5 More | Tyco Electronics |
| BD180 | Plastic Medium Power Silicon PNP Transistor | 1 2 3 4 | Motorola, Inc |
| RN4603 | TOSHIBA Transistor Silicon PNP Epitaxial Type PCT Process Silicon NPN Epitaxial Type PCT Process | 1 2 3 4 5 | Toshiba Semiconductor |
| MUN2111T1 | PNP SILICON BIAS RESISTOR TRANSISTOR | 1 2 3 4 5 More | Motorola, Inc |
| 2SA1608 | HIGH FREQUENCY AMPLIFIER AND SWITCHING PNP SILICON EPITAXIAL TRANSISTOR | 1 2 3 4 | NEC |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |