Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9382 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9382
Description  Bulkhead Isolated Ground N Female to N Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9382 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9382 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9382 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9382 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Bulkhead Isolated Ground N Female to N Female Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
N Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Isolated Ground
Electrical Specifications
Frequency Range, GHz
DC to 11
Maximum VSWR
1.5:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.75 [44.45]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Bulkhead Isolated Ground N Female to N Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead Isolated Ground N Female to N Female Adapter PE9382
PE9382
PE9382 REV


Similar Part No. - PE9382

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
   SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
   SMA Male to SMA Female 45 Degree Right Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
   Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
   SMA Male to TNC Female 4 Hole Flange Adapter
PE9385 PASTERNACK-PE9385 Datasheet
240Kb / 2P
   N Female to UHF Female Adapter
More results

Similar Description - PE9382

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9417 PASTERNACK-PE9417 Datasheet
252Kb / 2P
   Isolated Ground 75 Ohm N Female to N Female Bulkhead Adapter
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
   Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9287 PASTERNACK-PE9287 Datasheet
239Kb / 2P
   Bulkhead Isolated Ground TNC Female to TNC Female Adapter
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
   Precision Bulkhead N Female to N Female Adapter
logo
Pomona Electronics
3846 POMONA-3846 Datasheet
27Kb / 1P
   Adapter, Isolated Ground BNC Female To Female
logo
Pasternack Enterprises,...
PE9625 PASTERNACK-PE9625 Datasheet
247Kb / 2P
   Isolated Ground 75 Ohm TNC Female to TNC Female Bulkhead Adapter
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
   Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
   N Female to BNC Female Bulkhead Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
   Bulkhead SMA Female to N Female Adapter
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
   N Female to TNC Female Bulkhead Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com