Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIA56A Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TIA56A
Description  TIA for photoreceiver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TIA56A Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TIA56A Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TIA56A
43 Gb/s Limiting Transimpedance Amplifier with PLD
Product Summary: Rev - 1/17/2013
- 1 of 1 -
Disclaimer: Subject to change without notice
© 2013 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Applications
1.0 x 1.2 mm
2 die
 43 Gbps DPSK receivers
 TIA for photoreceiver
 Amplitude regeneration
 Active power/signal splitter
 50 Ω line driver
Product Features
Block Diagram
 Differential input and differential output
 Input or output can be used single-ended
 Limiting operation, 4.5kΩ differential
transimpedance
 Low noise, 30 pA/Hz typical
 Adjustable input offset
 Peak level detection
 Output sense for offset control
 Bandwidth of 30GHz that can be adjusted
 Output eye shape adjustment pin
 DC and AC coupled operation
 Single supply voltage of -5.2 V
 SiGe technology with ƒ
T / ƒmax of 170 / 250 GHz
General Description
Output Characteristic
The TIA56A is a versatile high-speed trans-
impedance
amplifier
designed
for
the
amplification and manipulation of signals with
data
rates
to
over
43Gb/s
with
>28GHz
bandwidth. The TIA56A consists of a fully
symmetrical differential input and output buffer
and is optimized for 50 Ω line termination.
For applications which require adjustable input
bias or compensation of DC input currents (e.g.
photodiodes) the TIA56A allows adjusting the
bias input current for each input independently.
By using the output sensing pins, an offset
cancellation loop can be established.
The output voltage swing can be set up to to 800
mVpp differential by using the SWING option.
The symmetry of the output signal can be
optimized using the SYM option. This feature
can be used e.g. for optimizing the BER. The
input signal swing can be monitored using the
peak level detector (PLD) output.
Differential output signal at 43Gbps
Ordering Information
Part No.
ECCN
Description
TIA56A
EAR99
43Gb/s Transimpedance
Amplifier w/PLD


Similar Part No. - TIA56A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TIA56A TRIQUINT-TIA56A_15 Datasheet
261Kb / 1P
   43 Gb/s Limiting Transimpedance Amplifier with PLD
More results

Similar Description - TIA56A

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC212 ICHAUS-IC212 Datasheet
7Mb / 15P
   HIGHSPEED PHOTORECEIVER
logo
Exar Corporation
XR33053 EXAR-XR33053 Datasheet
625Kb / 16P
   TIA-485/TIA-422 Transceiver
XR33152 EXAR-XR33152 Datasheet
874Kb / 19P
   TIA-485/TIA-422 Transceivers
logo
Integrated Device Techn...
GX32222 IDT-GX32222 Datasheet
76Kb / 2P
   Linear TIA
logo
Finisar Corporation.
XPRV2021A FINISAR-XPRV2021A Datasheet
218Kb / 5P
   43 Gb/s High Bandwidth Photoreceiver
XPRV2022A FINISAR-XPRV2022A Datasheet
570Kb / 5P
   43 Gb/s High Gain Photoreceiver
BPRV2125A FINISAR-BPRV2125A Datasheet
542Kb / 5P
   43 Gb/s Balanced Photoreceiver
logo
Exar Corporation
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Mitsubishi Electric Sem...
FU-319SPP-X6M2X MITSUBISHI-FU-319SPP-X6M2X Datasheet
97Kb / 6P
   PD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Integrated Device Techn...
GX36220 IDT-GX36220 Datasheet
120Kb / 2P
   Linear TIA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com