Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2911CT-33 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2911CT-33
Description  1A LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2911CT-33 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2911CT-33 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2911CT-33 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2911CT-33 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2911CT-33 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2911CT-33 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2911CT-33 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2911CT-33 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2911CT-33 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS2911
Monolithic
1A LOW DROPOUT VOLTAGE REGULATOR
Systems
FEATURES
APPLICATIONS
•• Three Terminal Adjustable or Fixed Voltages*
•• High Efficiency Linear Regulators
1.5V, 2.5V, 2.85V, 3.3V, and 5.0V
•• Post Regulators for Switching Supplies
•• Output Current of 1A
•• 5V to 3.3V Linear Regulator
•• Operates Down to 1V Dropout
•• Battery Chargers
•• Line Regulation: 0.2% Max.
•• Active SCSI Terminators
•• Load Regulation: 0.4% Max.
•• Power Management for Notebook
•• Available in TO-220, TO-263, TO-252 and SOT-223
packages
•• Battery Powered Instrumentation
GENERAL DESCRIPTION
The
The AMS2911 series of adjustable and fixed voltage regulators are designed to provide 1A output current and to operate
down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.5V at maximum output
current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS2911 devices are pin compatible with other three-terminal regulators and are offered in the 3 lead TO-220 package,
in the 3Lead TO-263 (Plastic DD), in the TO-252 (DPAK) and in the low profile surface mount SOT-223 package.
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
3 LEAD TO-220
3 LEAD TO-263
TO-252
SOT-223
TEMPERATURE RANGE
AMS2911CT
AMS2911CM
AMS2911CD
AMS2911
0 to 125
° C
AMS2911CT-1.5
AMS2911CM-1.5
AMS2911CD-1.5
AMS2911-1.5
0 to 125
° C
AMS2911CT-2.5
AMS2911CM-2.5
AMS2911CD-2.5
AMS2911-2.5
0 to 125
° C
AMS2911CT-2.85
AMS2911CM-2.85
AMS2911CD-2.85
AMS2911-2.85
0 to 125
° C
AMS2911CT-3.3
AMS2911CM-3.3
AMS2911CD-3.3
AMS2911-3.3
0 to 125
° C
AMS2911CT-5.0
AMS2911CM-5.0
AMS2911CD-5.0
AMS2911-5.0
0 to 125
° C
*For additional available fixed voltages contact factory.
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- VIN
2- Ground
3- VOUT
1- VIN
2- Adjust
3- VOUT
1
2
3
TO-220 FRONT VIEW
1
2
3
TO-263 FRONT VIEW
SOT-223 Top View
1
2
3
TO-252 FRONT VIEW
1
2
3


Similar Part No. - AMS2911CT-33

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2911CT-3.3 ADMOS-AMS2911CT-3.3 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2911CT-33

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com