Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBR4957LT3 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMBR4957LT3
Description  PNP Silicon High-Frequency Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBR4957LT3 Datasheet(HTML) 1 Page - Motorola, Inc

  MMBR4957LT3 Datasheet HTML 1Page - Motorola, Inc MMBR4957LT3 Datasheet HTML 2Page - Motorola, Inc MMBR4957LT3 Datasheet HTML 3Page - Motorola, Inc MMBR4957LT3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MMBR4957LT1, T3
MOTOROLA RF DEVICE DATA
The RF Line
PNP Silicon
High-Frequency Transistor
. . . designed for high–gain, low–noise amplifier oscillator and mixer applica-
tions. Specifically packaged for thick and thin–film circuits using surface mount
components.
• High Gain — Gpe = 17 dB Typ @ f = 450 MHz
• Low Noise — NF = 3.0 dB Typ @ f = 450 MHz
• Available in tape and reel packaging options by adding suffix:
T1 suffix = 3,000 units per reel
T3 suffix = 10,000 units per reel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
– 30
Vdc
Collector–Base Voltage
VCBO
– 30
Vdc
Emitter–Base Voltage
VEBO
– 3.0
Vdc
Collector Current — Continuous
IC
– 30
mAdc
Maximum Junction Temperature
TJmax
150
°C
Power Dissipation, Tcase = 75°C*
Derate linearly above Tcase = 75°C @
PD(max)
0.278
3.70
W
mW/
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Storage Temperature
Tstg
– 55 to +150
°C
Thermal Resistance Junction to Case*
R
θJC
270
°C/W
* Package mounted on 99.5% alumina 10 x 8 x 0.6 mm.
DEVICE MARKING
MMBR4957LT1, T3 = 7F
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = –1.0 mAdc, IB = 0)
V(BR)CEO
– 30
Vdc
Collector–Base Breakdown Voltage (IC = –100 µAdc, IE = 0)
V(BR)CBO
– 30
Vdc
Emitter–Base Breakdown Voltage (IE = –100 µAdc, IC = 0)
V(BR)EBO
– 3.0
Vdc
Collector Cutoff Current (VCB = –10 Vdc, IC = 0)
ICBO
– 0.1
µAdc
ON CHARACTERISTICS
DC Current Gain (IC = – 2.0 mAdc, VCE = –10 Vdc)
hFE
20
150
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IE = – 2.0 mAdc, VCE = –10 Vdc, f = 100 MHz)
fT
1200
MHz
Collector–Base Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
0.8
pF
Common–Emitter Amplifier Power Gain
(VCE = –10 Vdc, IC = – 2.0 mAdc, f = 450 MHz)
Gpe
17
dB
Noise Figure (IC = – 2.0 mAdc, VCE = –10 Vdc, f = 450 MHz)
NF
3.0
dB
Order this document
by MMBR4957LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBR4957LT1, T3
IC = – 30 mA
HIGH–FREQUENCY
TRANSISTOR
PNP SILICON
CASE 318–07, STYLE 6
SOT–23
LOW PROFILE
(TO–236AA/AB)
© Motorola, Inc. 1994
REV 6


Similar Part No. - MMBR4957LT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR5031LT1 MOTOROLA-MMBR5031LT1 Datasheet
54Kb / 2P
   NPN Silicon High-Frequency Transistor
logo
Samsung semiconductor
MMBR5179 SAMSUNG-MMBR5179 Datasheet
33Kb / 1P
   RF AMPLIFIER TRANSISTOR
logo
Foshan Blue Rocket Elec...
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
logo
Motorola, Inc
MMBR5179LT1 MOTOROLA-MMBR5179LT1 Datasheet
47Kb / 2P
   RF AMPLIFIER TRANSISTOR NPN SILICON
logo
Microsemi Corporation
MMBR5179LT1 MICROSEMI-MMBR5179LT1 Datasheet
327Kb / 1P
   RF & MICROWAVE TRANSISTORS
More results

Similar Description - MMBR4957LT3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS264 ADMOS-AMS264 Datasheet
22Kb / 3P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MM4019 MOTOROLA-MM4019 Datasheet
62Kb / 2P
   HIGH FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CM5160 CENTRAL-CM5160 Datasheet
76Kb / 2P
   PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
California Eastern Labs
NE97733 CEL-NE97733 Datasheet
477Kb / 5P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF545 ASI-MRF545 Datasheet
32Kb / 1P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957_15 Datasheet
112Kb / 2P
   PNP HIGH FREQUENCY SILICON TRANSISTOR
CM4957 CENTRAL-CM4957 Datasheet
108Kb / 2P
   PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
California Eastern Labs
NE97833 CEL-NE97833 Datasheet
170Kb / 6P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5583 CENTRAL-CM5583 Datasheet
67Kb / 2P
   PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
NEC
NE97833 NEC-NE97833 Datasheet
43Kb / 5P
   PNP SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com