Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA2117-1-AC-GC-03 Datasheet(PDF) 2 Page - Emcore Corporation

Part # PONA2117-1-AC-GC-03
Description  Erbium Doped Fiber Amplifier (EDFA)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA2117-1-AC-GC-03 Datasheet(HTML) 2 Page - Emcore Corporation

  PONA2117-1-AC-GC-03 Datasheet HTML 1Page - Emcore Corporation PONA2117-1-AC-GC-03 Datasheet HTML 2Page - Emcore Corporation PONA2117-1-AC-GC-03 Datasheet HTML 3Page - Emcore Corporation PONA2117-1-AC-GC-03 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical/Electrical Characteristics1
Property
Symbol
(Units)
Limit
PONA Models
Comments
2114
2117
2120
2122
2124
2127
2130
Operating Input Power
Pin (dBm)
Max
+12
+12
+12
+12
+12
+12
+12
Operating Input Power
Pin (dBm)
Min
-10
-10
-10
-10
-10
-10
-10
Typical
(May vary for
some models)
14.0
17.0
20.0
22.0
24.0
27.0
30.0
Output Power
Po (dBm)
+/-.25
+/- .25
+/- .25
+/- .25
+/- .25
+/- .25
+/- .25
(Note 2)
Noise Figure
NF (dB)
Typ/Ma
x
4.5/5.0
4.5/5.0
4.5/5.0
4.5/5.0
5.0/5.5
5.0/5.5
5.5/6.0
(Notes 3, 8)
Static Gain Flatness
GF (dB)
Max
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
(Note 7)
(Note 4)
Dynamic Gain Flatness
(dB)
Max
+/-1
+/-1.25
+/-1.5
+/-2.0
+/-2.0
+/-2.0
(Note 7)
(Notes 5, 8)
Output Power Stability
(dB)
Max
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
(Note 6)
Power Consumption
(steady state regime)
Psys (W)
Max
5
7
9
12
20
35
40
50
oC Case
Notes:
1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges
2. Measurement variations
3. Measured with 8 evenly spread input optical signals @ 25°C,
Pin ≈ 0 dBm (Measuring with 1 input optical signal with Pin ≈ 0 dBm
and
 ≈ 1550 nm is also possible. (Low Noise Figure options with NF ≤ 4.0/4.5 dB are available for some models)
4. Measured with a swept Probe Signal (Pp), where Pp ≈ 0 dBm @ 25
C
5. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ ~ 1550 nm; (Pt ≈ Pp+20 dB; Pt + Pp ≈ 0 dBm) @ 25
C;
Gain Flattened Options with ΔG ≤ +/-1.0dB are available (for some models)
6. Over polarization and temperature
7. Static and Dynamic Gain Flatness for PONA 2130 can be defined for 1545 nm ≤
 ≤1562 nm and by special request only.
8. Specific NF and ΔG can be guaranteed at a single specified Input Optical Power Level (Pin = Pt + Pp) equal or different from 0 dBm.
(Please contact your Sales Representative for more information)
PONA 2100 Series


Similar Part No. - PONA2117-1-AC-GC-03

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA2117-1-AC-SC-00 EMCORE-PONA2117-1-AC-SC-00 Datasheet
481Kb / 4P
   Full Functionality 1 RU EDFA
More results

Similar Description - PONA2117-1-AC-GC-03

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com