Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW116XA12XX Datasheet(PDF) 2 Page - SL Power Electronics

Part # MW116XA12XX
Description  MEDICAL 60-90 WATT SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW116XA12XX Datasheet(HTML) 2 Page - SL Power Electronics

  MW116XA12XX_01 Datasheet HTML 1Page - SL Power Electronics MW116XA12XX_01 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2005 Ault Inc.
In case IEC320 type: F=Class I C14 inlet Q=Class II C18 inlet
Specify the Input Configuration Code in your order.
Connector
Input Configuration
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Input
Voltage
100-240 VAC -10%, +10%
Line Frequency
47 - 63 Hz
Current
2.0A max. at 90 VAC input
Protection
Internal primary current fuse,
Inrush limiting
Power Factor Correction
Complies with EN61000-3-2 and
EN61000-3-3
Output
Combined Line and Load
±1% excluding cord
Voltage Regulation
Ripple
1% V p-p max
Transient Response
0.5 msec. for 50% load change typical
Holdup Time
16 msec min. over entire input range
Protection
Foldback overcurrent protection
Short circuit protection
Cord and Connector
5V and 6V: 6 ft, 6 conductor, 18 AWG,
Ault #51 connector. Pinout: Pins 1, 2, 3 =
+V; 4, 5 and 6 = common. 9V, 12V, 13.5V,
15V, 16V: 6 ft, 4 conductor, 18 AWG,
Ault #51 connector. Pinout: Pins 1,4=+V;
3,6=common. All with overmolded
Ferrite core. 18V, 24V, 48V,: 6 ft, 2 con-
ductor, 18 AWG with overmolded Ferrite
core, Ault #3 connector, center positive.
Safety Approvals
Agency Listings
TUV EN60601-1; cURus 2601;
Australian, Japanese certification
available - extra fees apply
Electrical
Topology
Switching - Fixed frequency 100KHz
Efficiency
Up to 89%
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
100,000 Calculated Hours Minimum
Environmental
Operating Temperature
0º to 40º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
5.08L x 3.05W x 1.67H (in)
129L x 77W x 40H (mm)
Case Material
94V0 polycarbonate; black is standard
color; other colors available - extra
charges may apply
Weight
13 ounces, 370 grams
(excluding cord)
MW116
MEDICAL 60-90 WATT SERIES


Similar Part No. - MW116XA12XX_01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW117 SLPOWER-MW117 Datasheet
107Kb / 2P
   UNIVERSAL 6-12 WATT SERIES
MW117KA0303 SLPOWER-MW117KA0303_01 Datasheet
107Kb / 2P
   UNIVERSAL 6-12 WATT SERIES
MW117KA0503 SLPOWER-MW117KA0503_01 Datasheet
107Kb / 2P
   UNIVERSAL 6-12 WATT SERIES
MW117KA0903 SLPOWER-MW117KA0903_01 Datasheet
107Kb / 2P
   UNIVERSAL 6-12 WATT SERIES
MW117KA1203 SLPOWER-MW117KA1203_01 Datasheet
107Kb / 2P
   UNIVERSAL 6-12 WATT SERIES
More results

Similar Description - MW116XA12XX_01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW136 SLPOWER-MW136 Datasheet
78Kb / 2P
   MEDICAL 60 WATT SERIES
logo
Tumbler Technologies + ...
TMP60 TRUMPOWER-TMP60 Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
logo
TRACO Electronic AG
THM60WI TRACOPOWER-THM60WI Datasheet
960Kb / 5P
   DC/DC Medical Converter THM 60WI Series, 60 Watt
Rev. November 30, 2022
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
   TEN 60 Series, 60 Watt
Rev. November 30, 2022
logo
SL Power Electronics
MW122 SLPOWER-MW122 Datasheet
109Kb / 2P
   MEDICAL 120 WATT SERIES
logo
Powerbox
PMP90 POWERBOX-PMP90 Datasheet
850Kb / 2P
   60 - 90 WATTS SINGLE OUTPUT AC/DC MEDICAL - PRELIMINARY
logo
Power-One
HAS040YE POWER-ONE-HAS040YE Datasheet
177Kb / 3P
   HAS SERIES - 60 WATT
HLD15YGE POWER-ONE-HLD15YGE Datasheet
131Kb / 3P
   HLD SERIES - 60 WATT
logo
SL Power Electronics
MW128 SLPOWER-MW128 Datasheet
615Kb / 2P
   MEDICAL 13-32 WATT SERIES
MW160 SLPOWER-MW160 Datasheet
687Kb / 2P
   MEDICAL 15-48 WATT SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com