Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW125XA1503 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MW125XA1503
Description  MEDICAL 15-40 WATT SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW125XA1503 Datasheet(HTML) 1 Page - SL Power Electronics

  MW125XA1503_01 Datasheet HTML 1Page - SL Power Electronics MW125XA1503_01 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2002 Ault Inc.
MW125 SWITCH-MODE
POWER SUPPLY
100-250 VAC Universal Input
Desktop / Wallmount Styles
Single Output Up to 48W
Regulated Output With Low Ripple
Meets Medical Safety Agency Requirements
Complies With EMI/RFI Regulations
CE Compliant
Impact Resistant Polycarbonate Enclosure
Private Label Marking Available
3 Year Warranty
Modified and Custom Designs
Also Available
MW125
MEDICAL 15-40 WATT SERIES
MW125XA0303_01
3V
5.00
15.0
50mV
MW125XA0503_01
5V
5.00
25.0
50mV
MW125XA0703_01
7V
4.50
31.5
70mV
MW125XA0903_01
9V
4.00
36.0
100mV
MW125XA1203_01
12V
3.00
36.0
120mV
MW125XA1503_01
15V
2.50
37.5
150mV
MW125XA1803_01
18V
2.10
37.5
180mV
MW125XA2403_01
24V
1.67
40.0
240mV
MW125XA4803_01
48V
0.84
40.0
480mV
MW125 X
A
05
03
__
01
Product
Manufacturing
Design
Voltage
Connector
Input
Standard (no
Family
Location
Revision
DC
Configuration/
modifications,
Name
(volume
Changes
Model Type
special artwork
dependent)
(see pg. 2)
or special
packaging)
Voltage
Max
Max
Ripple
Ault Part No.
DC
Amps
Watts
p-p Max
Ault Part No. Key
Ault Part No. Key
MW125


Similar Part No. - MW125XA1503_01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW122 SLPOWER-MW122 Datasheet
109Kb / 2P
   MEDICAL 120 WATT SERIES
MW122RA12XXF01 SLPOWER-MW122RA12XXF01 Datasheet
109Kb / 2P
   MEDICAL 120 WATT SERIES
MW122RA24XXF01 SLPOWER-MW122RA24XXF01 Datasheet
109Kb / 2P
   MEDICAL 120 WATT SERIES
MW128 SLPOWER-MW128 Datasheet
615Kb / 2P
   MEDICAL 13-32 WATT SERIES
MW128XA0303 SLPOWER-MW128XA0303_01 Datasheet
615Kb / 2P
   MEDICAL 13-32 WATT SERIES
More results

Similar Description - MW125XA1503_01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW160 SLPOWER-MW160 Datasheet
687Kb / 2P
   MEDICAL 15-48 WATT SERIES
logo
Tumbler Technologies + ...
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
logo
TRACO Electronic AG
THM15 TRACOPOWER-THM15 Datasheet
950Kb / 5P
   DC/DC Medical Converter THM 15 Series, 15 Watt
Rev. November 30, 2022
TPP40 TRACOPOWER-TPP40 Datasheet
1Mb / 5P
   AC/DC Medical Power Supply TPP 40 Series, 40 Watt
Rev. November 30, 2022
logo
Tumbler Technologies + ...
TM41 TRUMPOWER-TM41 Datasheet
223Kb / 2P
   30-40 WATT MEDICAL POWER SUPPLIES
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
logo
SL Power Electronics
GSM15 SLPOWER-GSM15 Datasheet
209Kb / 2P
   15 Watt Global Performance Medical Switcher
logo
TRACO Electronic AG
TPP15-D TRACOPOWER-TPP15-D Datasheet
1Mb / 5P
   AC/DC Medical Power Supply TPP 15-D Series, 15 Watt
Rev. March 16, 2023
TPP15-J TRACOPOWER-TPP15-J Datasheet
1Mb / 5P
   AC/DC Medical Power Supply TPP 15-J Series, 15 Watt
Rev. March 16, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com