Electronic Components Datasheet Search |
|
04023C102KAT2A Datasheet(PDF) 3 Page - AVX Corporation |
|
04023C102KAT2A Datasheet(HTML) 3 Page - AVX Corporation |
3 / 4 page 19 X7R Dielectric Capacitance Range PREFERRED SIZES ARE SHADED SIZE 0101 0201 0402 0603 0805 1206 Soldering Reflow Only Reflow Only Reflow/Wave Reflow/Wave Reflow/Wave Reflow/Wave Packaging Paper/Embossed All Paper All Paper All Paper Paper/Embossed Paper/Embossed (L) Length mm 0.40 ± 0.02 0.60 ± 0.03 1.00 ± 0.10 1.60 ± 0.15 2.01 ± 0.20 3.20 ± 0.20 (in.) (0.016 ± 0.0008) (0.024 ± 0.001) (0.040 ± 0.004) (0.063 ± 0.006) (0.079 ± 0.008) (0.126 ± 0.008) (W) Width mm 0.20 ± 0.02 0.30 ± 0.03 0.50 ± 0.10 0.81 ± 0.15 1.25 ± 0.20 1.60 ± 0.20 (in.) (0.008 ± 0.0008) (0.011 ± 0.001) (0.020 ± 0.004) (0.032 ± 0.006) (0.049 ± 0.008) (0.063 ± 0.008) (t) Terminal mm 0.20 ± 0.02 0.15 ± 0.05 0.25 ± 0.15 0.35 ± 0.15 0.50 ± 0.25 0.50 ± 0.25 (in.) (0.008 ± 0.0008) (0.006 ± 0.002) (0.010 ± 0.006) (0.014 ± 0.006) (0.020 ± 0.010) (0.020 ± 0.010) WVDC 10 10 16 25 16 25 50 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 500 Cap 100 A A A A (pF) 150 A A A A 220 A A A A C 330 A A A A C G G G JJJJJJ K 470 A A A C G G G JJJJJJ K 680 A A A C G G G JJJJJJ K 1000 A A A C G G G J J JJJJ K 1500 A C G G J J JJJJ JJJJ J J M 2200 A C G G J J JJJJ JJJJ J J M 3300 A C C G G J J JJJJ JJJJ J J M 4700 A C C G G J J JJJJ JJJJ J J M 6800 A C C G G J J JJJJ JJJJ J J P Cap 0.010 A C C G G J J JJJJ JJJJ J J P (μF 0.015 C G G J J JJJJ JJJJ J M 0.022 C C G G J J J J J N J J J J J M 0.033 C C G G J J J J N J J J J J M 0.047 C C G G G J J J J N J J J J J M 0.068 C C G G G J J J J N J J J J J P 0.10 C C G G G G J J J J N J J J J M P 0.15 G G J J J N N J J J J Q 0.22 G G J* J J N N N J J J J Q 0.33 NNNNN J J M P Q 0.47 J* NNNNN M M M P Q 0.68 NNN M M Q Q Q 1.0 J* J* NNNN M M Q Q Q 1.5 PQ Q 2.2 J* P* Q Q Q Q* 3.3 4.7 P* P* Q* Q* Q* Q* 10 P* P* Q* Q* Q* 22 Q* Q* 47 100 WVDC 10 10 16 25 16 25 50 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 500 SIZE 0101 0201 0402 0603 0805 1206 Letter AC EG J K M N P Q XY Z Max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 Thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) PAPER EMBOSSED *Optional Specifications – Contact factory |
Similar Part No. - 04023C102KAT2A |
|
Similar Description - 04023C102KAT2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |