Electronic Components Datasheet Search |
|
04023C181KAT2A Datasheet(PDF) 1 Page - AVX Corporation |
|
04023C181KAT2A Datasheet(HTML) 1 Page - AVX Corporation |
1 / 4 page 17 X7R Dielectric General Specifications X7R formulations are called “temperature stable” ceramics and fall into EIA Class II materials. X7R is the most popular of these intermediate dielectric constant materials. Its temperature varia- tion of capacitance is within ±15% from -55°C to +125°C. This capacitance change is non-linear. Capacitance for X7R varies under the influence of electrical op- erating conditions such as voltage and frequency. X7R dielectric chip usage covers the broad spectrum of industrial applications where known changes in capacitance due to applied voltages are acceptable. PART NUMBER (see page 2 for complete part number explanation) 10 -60 -40 -20 0 20 40 60 80 100 120 140 Temperature °C X7R Dielectric� Typical Temperature Coefficient 5 0 -5 -10 -15 -20 -25 +10 +20 +30 0 -10 -20 -30 1KHz 10 KHz 100 KHz 1 MHz 10 MHz Frequency Capacitance vs. Frequency 1,000 10,000 100 0 0 20 120 40 60 80 Temperature °C Insulation Resistance vs Temperature 100 10 100 1000 Frequency, MHz Variation of Impedance with Cap Value� Impedance vs. Frequency� 1,000 pF vs. 10,000 pF - X7R� 0805� � 0.10 0.01 1.00 1,000 pF 10,000 pF 10.00 110 100 1,000 Frequency, MHz Variation of Impedance with Chip Size� Impedance vs. Frequency� 100,000 pF - X7R� � � 0.1 .01 1.0 1206 0805 10 1210 110 100 1,000 Frequency, MHz Variation of Impedance with Chip Size� Impedance vs. Frequency� 10,000 pF - X7R� � � 0.1 .01 1.0 1206 0805 10 1210 0805 Size (L" x W") 5 Voltage 4V = 4 6.3V = 6 10V = Z 16V = Y 25V = 3 50V = 5 100V = 1 200V = 2 500V = 7 C Dielectric X7R = C 103 Capacitance Code (In pF) 2 Sig. Digits + Number of Zeros M Capacitance Tolerance J = ± 5%* K = ±10% M = ± 20% *≤1μF only, contact factory for additional values 2 Packaging 2 = 7" Reel 4 = 13" Reel 7 = Bulk Cass. 9 = Bulk Contact Factory For Multiples A Special Code A = Std. Product T Terminations T = Plated Ni and Sn 7 = Gold Plated* Z = FLEXITERM®** A Failure Rate A = Not Applicable *Optional termination **See FLEXITERM® X7R section NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers. Contact factory for non-specified capacitance values. |
Similar Part No. - 04023C181KAT2A |
|
Similar Description - 04023C181KAT2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |