Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD6C60S Datasheet(PDF) 4 Page - Apollo Electron Co., Ltd.

Part # CD6C60S
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

CD6C60S Datasheet(HTML) 4 Page - Apollo Electron Co., Ltd.

  CD6C60S Datasheet HTML 1Page - Apollo Electron Co., Ltd. CD6C60S Datasheet HTML 2Page - Apollo Electron Co., Ltd. CD6C60S Datasheet HTML 3Page - Apollo Electron Co., Ltd. CD6C60S Datasheet HTML 4Page - Apollo Electron Co., Ltd. CD6C60S Datasheet HTML 5Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
01234
0
1
2
3
4
5
6
7
θ = 180
o
θ = 120
o
θ = 90
o
θ = 60
o
θ = 30
o
Average On-State Current [A]
-50
0
50
100
150
0.1
1
10
Junction Temperature[
oC]
4/5
CD6C60S
Fig 8. Power Dissipation
Fig 7. Typical Holding Current


Similar Part No. - CD6C60S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD6CD010D03 ETC1-CD6CD010D03 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
CD6CD010DO3 ETC2-CD6CD010DO3 Datasheet
281Kb / 4P
   Reel packaging available
CD6CD020D03 ETC1-CD6CD020D03 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
CD6CD020DO3 ETC2-CD6CD020DO3 Datasheet
281Kb / 4P
   Reel packaging available
CD6CD030D03 ETC1-CD6CD030D03 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
More results

Similar Description - CD6C60S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com