Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP6C60 Datasheet(PDF) 5 Page - Apollo Electron Co., Ltd.

Part # CP6C60
Description  Standard Gate Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

CP6C60 Datasheet(HTML) 5 Page - Apollo Electron Co., Ltd.

  CP6C60 Datasheet HTML 1Page - Apollo Electron Co., Ltd. CP6C60 Datasheet HTML 2Page - Apollo Electron Co., Ltd. CP6C60 Datasheet HTML 3Page - Apollo Electron Co., Ltd. CP6C60 Datasheet HTML 4Page - Apollo Electron Co., Ltd. CP6C60 Datasheet HTML 5Page - Apollo Electron Co., Ltd. CP6C60 Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
CP6C60
TO-220 Package Dimension
TO-220 Package Dimension
MIN
M AX
MIN
M AX
A
0.14
0.19
3.56
4.83
A1
0.02
0.055
0.51
1.4
A2
0.08
0.115
2.03
2.92
b
0.015
0.04
0.38
1.02
b2
0.045
0.07
1.14
1.78
c
0.014
0.024
0.36
0.61
D
0.56
0.65
14.22
16.51
e
0.096
0.104
2.44
2.64
E
0.38
0.42
9.65
10.67
H 1
0.23
0.27
5.84
6.86
L
0.5
0.58
12.7
14.73
L1
-
0.25
-
6.35
P
0.139
0.161
3.53
4.09
Q
0.1
0.135
2.54
3.43
IN C H ES
M ILLIM ETER S
DIM


Similar Part No. - CP6C60

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP60 CUI-CP60 Datasheet
547Kb / 11P
   PELTIER MODULE
logo
CUI Devices
CP60 CUID-CP60 Datasheet
583Kb / 12P
   PELTIER MODULE
08/05/2022
logo
Pan Jit International I...
CP600 PANJIT-CP600 Datasheet
32Kb / 2P
   VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
logo
Transys Electronics
CP600 TRSYS-CP600 Datasheet
112Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
Pan Jit International I...
CP601 PANJIT-CP601 Datasheet
32Kb / 2P
   VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
More results

Similar Description - CP6C60

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
CP10C60 APOLLOELECTRON-CP10C60 Datasheet
1Mb / 5P
   Standard Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR106 ONSEMI-MCR106 Datasheet
57Kb / 4P
   Sensitive Gate Silicon Controlled Rectifiers
November, 2005 ??Rev. 4
logo
KODENSHI_AUK CORP.
BT100-8 KODENSHI-BT100-8 Datasheet
462Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
SemiWell Semiconductor
MCR100-6 SEMIWELL-MCR100-6 Datasheet
617Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
New Jersey Semi-Conduct...
MCR100 NJSEMI-MCR100 Datasheet
102Kb / 2P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Digitron Semiconductors
2N5060 DIGITRON-2N5060 Datasheet
182Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N5064RLRAG ONSEMI-2N5064RLRAG Datasheet
116Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
September, 2011 ??Rev. 10
logo
Kersemi Electronic Co.,...
2N5060 KERSEMI-2N5060 Datasheet
436Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
logo
List of Unclassifed Man...
SCN2C60 ETC1-SCN2C60 Datasheet
543Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC222STT1G ONSEMI-NYC222STT1G Datasheet
131Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
July, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com