Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9350 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9350
Description  50 Ohm N Female to 75 Ohm N Male Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9350 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9350 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9350 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9350 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm N Female to 75 Ohm N Male Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm N Female to 75 Ohm N Male Adapter PE9350
URL: http://www.pasternack.com/n-female-n-male-straight-adapter-pe9350-p.aspx
50 Ohm N Female to 75 Ohm N Male Adapter
PE9350
PE9350 REV


Similar Part No. - PE9350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9351 PASTERNACK-PE9351 Datasheet
247Kb / 2P
   SSMA Male to N Male Adapter
PE9352 PASTERNACK-PE9352 Datasheet
249Kb / 2P
   SSMA Female to N Male Adapter
PE9353 PASTERNACK-PE9353 Datasheet
251Kb / 2P
   SSMA Male to N Female Adapter
logo
Peregrine Semiconductor...
PE9354 PEREGRINE-PE9354 Datasheet
188Kb / 7P
   SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
logo
Pasternack Enterprises,...
PE9354 PASTERNACK-PE9354 Datasheet
250Kb / 2P
   SSMA Female to N Female Adapter
More results

Similar Description - PE9350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9349 PASTERNACK-PE9349 Datasheet
238Kb / 2P
   50 Ohm N Male to 75 Ohm N Female Adapter
PE9155 PASTERNACK-PE9155 Datasheet
253Kb / 3P
   50 Ohm N Male to 75 Ohm F Female Adapter
PE9389 PASTERNACK-PE9389 Datasheet
251Kb / 3P
   50 Ohm N Female to 75 Ohm F Male Adapter
PE9391 PASTERNACK-PE9391 Datasheet
255Kb / 3P
   75 Ohm N Male to N Female Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
   75 Ohm N Female to BNC Male Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
   75 Ohm N Female to TNC Male Adapter
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
   75 Ohm N Male to F Female Adapter
PE9397 PASTERNACK-PE9397 Datasheet
249Kb / 3P
   75 Ohm N Female to F Male Adapter
PE9369 PASTERNACK-PE9369 Datasheet
255Kb / 3P
   75 Ohm N Male to BNC Female Adapter
PE9306 PASTERNACK-PE9306 Datasheet
353Kb / 3P
   75 Ohm N Female to N Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com