Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JX2N7227 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # JX2N7227
Description  JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

JX2N7227 Datasheet(HTML) 4 Page - Advanced Power Technology

  JX2N7227 Datasheet HTML 1Page - Advanced Power Technology JX2N7227 Datasheet HTML 2Page - Advanced Power Technology JX2N7227 Datasheet HTML 3Page - Advanced Power Technology JX2N7227 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Q
g
, TOTAL GATE CHARGE (nC)
V
SD
, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
g
3.81 (.150) BSC
1.14 (.045)
.89 (.035)
Dia. Typ.
3 Leads
13.84 (.545)
13.59 (.535)
31.37 (1.235)
30.35 (1.195)
13.84 (.545)
13.59 (.535)
3.78 (.149)
3.53 (.139)
1.27 (.050)
1.02 (.040)
6.60 (.260)
6.32 (.249)
3.81 (.150) BSC
6.91 (.272)
6.81 (.268)
Drain
Source
Gate
Dia.
20.32 (.800)
20.07 (.790)
17.40 (.685)
16.89 (.665)
Dimensions in Millimeters and (Inches)
0
.5
1.0
1.5
2.0
0.1
0.5
1
5
10
50
TO-254AA Package Outline
1
5
10
50 100
400
2N7227
0
40
80
120
160
200
60
10
5
1
0.5
.1
7,000
5,000
1,000
500
100
70
100
50
20
10
5
2
1
20
16
12
8
4
0
OPERATION HERE
LIMITED BY R
DS
(ON)
TC =+25°C
TJ =+150°C
SINGLE PULSE
TJ =+150°C
TJ =+25°C
Crss
Coss
Ciss
VDS=80V
VDS=320V
I
D
= I
D
[Cont.]
1mS
10mS
100mS
DC
100
µS
VDS=200V


Similar Part No. - JX2N7227

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
JX2N7228 ADPOW-JX2N7228 Datasheet
61Kb / 4P
   JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS
More results

Similar Description - JX2N7227

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
2N7228 ADPOW-2N7228 Datasheet
61Kb / 4P
   JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML120L16 SEME-LAB-SML120L16 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML20B67 SEME-LAB-SML20B67 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML20H45 SEME-LAB-SML20H45 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML30A33 SEME-LAB-SML30A33 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML40A26 SEME-LAB-SML40A26 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com