Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPM200B Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPM200B
Description  Maximum Continuous Output Power at 50째C With external 26 cfm Airflow = 200 W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPM200B Datasheet(HTML) 2 Page - SL Power Electronics

  GPM200B Datasheet HTML 1Page - SL Power Electronics GPM200B Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISOLATION: The creepage distance between primary and ground is 4 mm minimum; between primary and secondary
circuits is 8 mm minimum. Secondary to ground creepage is not defined or controlled. The output common is bypassed to
ground using a capacitor. The required creepage and clearance distances from primary circuits to ground and secondary
circuits must be maintained after installation to preserve the intended safety.
GROUNDING: The Protective Earth (ground) terminal must be bonded to Protective Earth in the host equipment. Using the
Protective Earth terminal on the supply for grounding the host equipment is not recommended.
A separate dedicated
grounding point should be used.
OUTPUTS: All output commons should be connected to Protective Earth in the end application. The output(s) are intended
for Protectively Earthed Signal Output and Intermediate Circuits only. The output(s) are not acceptable for patient connection
without additional isolation. All DC outputs are SELV under normal and single fault conditions.
OVERVOLTAGE PROTECTION: Only output #1 is monitored for an overvoltage condition. The trip-point for a 5 volt
output is 5.6 to 6.8 volts. In some applications where an overvoltage condition could result in a hazard as defined in
applicable safety standards, redundant or additional overvoltage protection may be required. Consult factory for details.
TEMPERATURES: The maximum operating temperatures of certain safety components, as defined in the applicable safety
standards, must not be exceeded after installation to preserve the intended safety. The output power, ambient air temperature
and the availability, amount, direction and/or restriction of airflow influence the temperatures of these components.
OVERCURRENT PROTECTION: The internal fuse is located in the phase lead only. EN 60601-1 requires that both
supply leads (phase and neutral) be protected against overcurrent. Complete overcurrent protection must be provided in the
host equipment. Fuse ratings must not exceed that specified for the internal fuse, must meet the requirements of EN 60601-1
and be acceptable for the country in which the host equipment is to be installed.
WARNING! RISK OF FIRE! A blown internal fuse is an indication of catastrophic failure of circuit component(s). Repair
must be performed by Condor authorized personnel. Refer to fuse marking on the supply for rating.
WARNING! SHOCK HAZARD! Dangerous voltages are present on some components, printed wiring traces and heatsinks.
Attention, Consult
Accompanying Documents
Alternating Current
Attention, Dangerous Voltages
Earth (Ground)
EXPLANATION OF SYMBOLS
C O N N E C T I O N S
TB1
AC INPUT
J2
CONTROL CONNECTOR
TB2
DC OUTPUTS
1
Line
1
Power Fail
1,2
Output #1 (+)
2
Neutral
2
Output #1 (-) Sense
3,4,5
Common (Return)
3
Ground
3
Output #1 (+) Sense
6
Output #2 (+)
4
No Connection
7
Output #3 (-)
J2 Mating Connector = Amp 64044x-4 where x = 0 to 4
8
Output #4 (+)
WARNING: Do not exceed 15A per terminal on TB2
9
Output #4 (-)
Condor DC Power Supplies Inc. will not be liable for the safety, reliability or performance of these power supplies if a) any changes,
modifications or repairs are carried out by other than authorized agents of Condor DC Power Supplies Inc., or b) the installation of the
supply is not in accordance with these installation instructions and the applicable UL, CSA, and/or IEC safety standards.
41-33222-0001 Rev. E 1/29/02
Page 2 of 2


Similar Part No. - GPM200B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPM200B SLPOWER-GPM200B Datasheet
180Kb / 2P
   200 Watt Global Performance Switchers
More results

Similar Description - GPM200B

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
logo
Bel Fuse Inc.
ABC450 BEL-ABC450_V01 Datasheet
1Mb / 10P
   450 W (with airflow), 300 W (without airflow)
logo
XP Power Limited
RCL175 XPPOWER-RCL175 Datasheet
1Mb / 13P
   175 W with 12 CFM cooling
logo
Wall Industries,Inc.
DCW150 WALL-DCW150 Datasheet
839Kb / 8P
   200 Watts Maximum Output Power
logo
Vicor Corporation
BCM384Y120X1K5AC1 VICOR-BCM384Y120X1K5AC1 Datasheet
2Mb / 23P
   Up to 1500 W continuous output power
logo
Emerson Network Power
AIF12W300 EMERSON-NETWORKPOWER-AIF12W300 Datasheet
148Kb / 2P
   600 W continuous power at 100 째C baseplate temperature
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
   Up to 200 W Output Power
logo
STMicroelectronics
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
   Total maximum output power: 5.5 W
December 2007 Rev 2
logo
CUI INC
PBK-3 CUI-PBK-3 Datasheet
746Kb / 9P
   up to 3 W continuous output
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
   AC-DC POWER SUPPLY up to 25 W continuous output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com