Electronic Components Datasheet Search |
|
GPM200D Datasheet(PDF) 1 Page - SL Power Electronics |
|
GPM200D Datasheet(HTML) 1 Page - SL Power Electronics |
1 / 2 page CONDOR DC POWER SUPPLIES INC. 2311 STATHAM PKWY OXNARD, CA 93033 + 805-486-4565 RATINGS Input: 100-240 VAC, 5.5 A, 50/60 Hz Output: Maximum Continuous Output Power at 50°C With external 26 cfm Airflow = 200 W Standard Models: Model Output #1 1 Isc Output #2 1 Isc Output #3 Isc Output #4 2 Isc GPM200A +5V 26A5 25A +12V 8.0A 15A -12V 1.2A 2A 12V 4.0A 2A GPM200B +5V 26A5 25A +12V 8.0A 15A -5V 1.2A 2A 12V 4.0A 2A GPM200D +5V 26A5 25A +24V 5.0A 15A -12V 1.2A 2A 12V 4.0A 2A GPM200E +5V 26A5 25A +24V 5.0A 15A -15V 1.2A 2A 15V 4.0A 2A GPM200F +5V 26A5 25A +12V 8.0A 15A -12V 1.2A 2A 5V 4.0A 2A Special Models: (Place Code Letters for desired outputs from Table below; example = GPM200-BAA) GPM200- ( ___ ) ( ___ ) ( ___ ) Output #11 Output #2 1 Output #3 Output #4 2 +5V 26A5 B = +12V 8.0A A = -5V 1.2A Q = -5V 2.4A A = 5V 4.0A (For all C = +15V 8.0A B = -12V 1.2A R = -12V 2.4A B = 12V 4.0A models) D = +24V 5.0A C = -15V 1.2A S = -15V 2.4A C = 15V 4.0A D = 24V 2.0A Notes: 1. The combined loads of Outputs No. 1 and No. 2 must not exceed 32 A. 2. Isolated output which may be referenced as a positive or negative voltage. 3. Maximum Operating Relative Humidity 96%, no condensation. 4. Isc = Maximum output short circuit current. 5. Minimum load current = 4A. SAFETY DECLARATION: Condor DC Power Supplies, Inc. declares under our sole responsibility that all models listed above are in conformity with the applicable requirements of EN60950 following the provisions of the Low Voltage Directive 73/23/EEC. CERTIFICATION: All models are Certified to be in compliance with the applicable requirements of UL 2601-1 1st Ed, CSA 22.2 No. 234 (Level 3) (with additional tests to C22.2 No 601.1-M90 per T.I.L. CA-08), IEC 601-1 (1988), EN 60601-1: 1990 and VDE 0750 T1 12.91. CLASSIFICATION: (5.1) Protection against electric shock = Class I (In accordance with sub- (5.2) Degree of protection against electric shock = Signal output or intermediate clause 5 of IEC 601-1) (5.3) Protection against harmful ingress of water = Ordinary (no protection) (5.5) Has not been evaluated for use in the presence of a flammable anaesthetic mixture with air, oxygen, or nitrous oxide. This evaluation is made on the end equipment by the OEM. (5.6) Mode of operation = Continuous CAUTION: When performing Dielectric Strength Tests, catastrophic failure of the unit may result if a Dielectric Strength test voltage greater than 1800 Vac is applied between primary and secondary circuits. The components providing isolation from primary to secondary cannot be tested while installed in the power supply without overstressing basic (primary to ground) insulation. All isolating components are individually 100% tested at 4800 Vac prior to installation. 41-33222-0001 Rev. E 1/29/02 Page 1 of 2 GPM200 SERIES INSTALLATION INSTRUCTIONS |
Similar Part No. - GPM200D |
|
Similar Description - GPM200D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |