Electronic Components Datasheet Search |
|
GPM200F Datasheet(PDF) 2 Page - SL Power Electronics |
|
GPM200F Datasheet(HTML) 2 Page - SL Power Electronics |
2 / 2 page ISOLATION: The creepage distance between primary and ground is 4 mm minimum; between primary and secondary circuits is 8 mm minimum. Secondary to ground creepage is not defined or controlled. The output common is bypassed to ground using a capacitor. The required creepage and clearance distances from primary circuits to ground and secondary circuits must be maintained after installation to preserve the intended safety. GROUNDING: The Protective Earth (ground) terminal must be bonded to Protective Earth in the host equipment. Using the Protective Earth terminal on the supply for grounding the host equipment is not recommended. A separate dedicated grounding point should be used. OUTPUTS: All output commons should be connected to Protective Earth in the end application. The output(s) are intended for Protectively Earthed Signal Output and Intermediate Circuits only. The output(s) are not acceptable for patient connection without additional isolation. All DC outputs are SELV under normal and single fault conditions. OVERVOLTAGE PROTECTION: Only output #1 is monitored for an overvoltage condition. The trip-point for a 5 volt output is 5.6 to 6.8 volts. In some applications where an overvoltage condition could result in a hazard as defined in applicable safety standards, redundant or additional overvoltage protection may be required. Consult factory for details. TEMPERATURES: The maximum operating temperatures of certain safety components, as defined in the applicable safety standards, must not be exceeded after installation to preserve the intended safety. The output power, ambient air temperature and the availability, amount, direction and/or restriction of airflow influence the temperatures of these components. OVERCURRENT PROTECTION: The internal fuse is located in the phase lead only. EN 60601-1 requires that both supply leads (phase and neutral) be protected against overcurrent. Complete overcurrent protection must be provided in the host equipment. Fuse ratings must not exceed that specified for the internal fuse, must meet the requirements of EN 60601-1 and be acceptable for the country in which the host equipment is to be installed. WARNING! RISK OF FIRE! A blown internal fuse is an indication of catastrophic failure of circuit component(s). Repair must be performed by Condor authorized personnel. Refer to fuse marking on the supply for rating. WARNING! SHOCK HAZARD! Dangerous voltages are present on some components, printed wiring traces and heatsinks. Attention, Consult Accompanying Documents Alternating Current Attention, Dangerous Voltages Earth (Ground) EXPLANATION OF SYMBOLS C O N N E C T I O N S TB1 AC INPUT J2 CONTROL CONNECTOR TB2 DC OUTPUTS 1 Line 1 Power Fail 1,2 Output #1 (+) 2 Neutral 2 Output #1 (-) Sense 3,4,5 Common (Return) 3 Ground 3 Output #1 (+) Sense 6 Output #2 (+) 4 No Connection 7 Output #3 (-) J2 Mating Connector = Amp 64044x-4 where x = 0 to 4 8 Output #4 (+) WARNING: Do not exceed 15A per terminal on TB2 9 Output #4 (-) Condor DC Power Supplies Inc. will not be liable for the safety, reliability or performance of these power supplies if a) any changes, modifications or repairs are carried out by other than authorized agents of Condor DC Power Supplies Inc., or b) the installation of the supply is not in accordance with these installation instructions and the applicable UL, CSA, and/or IEC safety standards. 41-33222-0001 Rev. E 1/29/02 Page 2 of 2 |
Similar Part No. - GPM200F |
|
Similar Description - GPM200F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |