Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9391 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9391
Description  75 Ohm N Male to N Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9391 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9391 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9391 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9391 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2012 Pasternack Enterprises All Rights Reserved
PE9391 REV
75 Ohm N Male to N Female Adapter
PE9391
CAD Drawing


Similar Part No. - PE9391

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9390 PASTERNACK-PE9390 Datasheet
252Kb / 3P
   N Tee Adapter Male-Male-Male
PE9392 PASTERNACK-PE9392 Datasheet
248Kb / 2P
   SSMB Jack to BNC Male Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
   SSMB Plug to BNC Male Adapter
PE9394 PASTERNACK-PE9394 Datasheet
247Kb / 2P
   SSMB Jack to BNC Female Adapter
PE9395 PASTERNACK-PE9395 Datasheet
245Kb / 3P
   SSMB Plug to BNC Female Adapter
More results

Similar Description - PE9391

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9349 PASTERNACK-PE9349 Datasheet
238Kb / 2P
   50 Ohm N Male to 75 Ohm N Female Adapter
PE9350 PASTERNACK-PE9350 Datasheet
254Kb / 3P
   50 Ohm N Female to 75 Ohm N Male Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
   75 Ohm N Female to TNC Male Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
   75 Ohm N Female to BNC Male Adapter
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
   75 Ohm N Male to F Female Adapter
PE9397 PASTERNACK-PE9397 Datasheet
249Kb / 3P
   75 Ohm N Female to F Male Adapter
PE9369 PASTERNACK-PE9369 Datasheet
255Kb / 3P
   75 Ohm N Male to BNC Female Adapter
PE9306 PASTERNACK-PE9306 Datasheet
353Kb / 3P
   75 Ohm N Female to N Female Adapter
PE9308 PASTERNACK-PE9308 Datasheet
251Kb / 2P
   75 Ohm N Male to N Male Adapter
PE9307 PASTERNACK-PE9307 Datasheet
247Kb / 2P
   75 Ohm N Male to N Female Right Angle Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com