Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2954AC-50 Datasheet(PDF) 10 Page - Advanced Monolithic Systems

Part # AMS2954AC-50
Description  250mA LOW DROPOUT VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2954AC-50 Datasheet(HTML) 10 Page - Advanced Monolithic Systems

Back Button AMS2954AC-50 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2954AC-50 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2954AC-50 Datasheet HTML 8Page - Advanced Monolithic Systems AMS2954AC-50 Datasheet HTML 9Page - Advanced Monolithic Systems AMS2954AC-50 Datasheet HTML 10Page - Advanced Monolithic Systems AMS2954AC-50 Datasheet HTML 11Page - Advanced Monolithic Systems AMS2954AC-50 Datasheet HTML 12Page - Advanced Monolithic Systems AMS2954AC-50 Datasheet HTML 13Page - Advanced Monolithic Systems AMS2954AC-50 Datasheet HTML 14Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS2954
APPLICATION HINTS (Continued)
R
1
ERROR*
ERROR
OUPUT
**SHUTDOWN
INPUT
GND
FB
V
OUT
V
REF
R
2
SD
1.23
V
7
4
3
8
1
5
+V
IN
+V
IN
V
OUT
1.2
30V
3.3
µF
.01µ
F
+
*
100k
AMS2954
FIGURE 2. Adjustable Regulator
*See Application Hints.
Vout = VREF × (1 + R1/ R2)
**Drive with TTL- high to shut down. Ground or leave if
shutdown feature is not used.
Note: Pins 2 and 6 are left open.
Reducing Output Noise
In reference applications it may be an advantageous to reduce the
AC noise present at the output. One method is to reduce the
regulator bandwidth by increasing the size of the output
capacitor. This is the only way that noise can be reduced on the 3
lead AMS2954 but is relatively inefficient, as increasing the
capacitor from 1
µF to 220 µF only decreases the noise from 430
µV to 160 µV rms for a 100 kHz bandwidth at 5V output.
Noise could also be reduced fourfold by a bypass capacitor across
R1, since it reduces the high frequency gain from 4 to unity. Pick
CBYPASS ≅ 1 / 2πR1 × 200 Hz
or about 0.01
µF. When doing this, the output capacitor must be
increased to 3.3
µF to maintain stability. These changes reduce
the output noise from 430
µV to 100 µV rms for a 100 kHz
bandwidth at 5V output. With the bypass capacitor added, noise
no longer scales with output voltage so that improvements are
more dramatic at higher output voltages.
Heatsink Requirements
A heatsink might be required when using AMS2954, depending
on the maximum power dissipation and maximum ambient
temperature of the application. The heatsink must be chosen
considering that under all operating condition, the junction
temperature must be within the range specified under Absolute
Maximum Ratings.
To determine if a heatsink is required, the maximum power
dissipated by the regulator must be calculated. It is important to
consider, that if the regulator is powered from a transformer
connected to the AC line, the maximum specified AC input
voltage must be used.
GND
OUT
V
IN
AMS2954
5V
1
µF
*
IN
+
LOAD
I
L
I
G
I
IN
* See external capacitors
P
Total = (VIN -5)IL +(VIN)IG
I
IN = IL +IG
FIGURE 3. Basic 5V Regulator
Figure 3 shows the voltages and currents which are present in a 5V
regulator circuit. The formula for calculating the power dissipated in the
regulator is also shown in Figure 3.
The next parameter which must be calculated is the maximum allowable
temperature rise, TR(max). This is calculated using the formula:
TR(max) =TJ(max) - TA(max)
Where TJ(max) is the maximum allowable junction temperature, and
TA(max) is the maximum ambient temperature.
Using the calculated values for TR(max) and P(max), the required value for
junction to ambient thermal resistance
θ
(J-A), can be determined:
θ
(J-A) = TR(max) /P(max)
If the value obtained is 60
°C/W or higher, the regulator may be operated
without an external heatsink. If the calculated value is below 60
°C/W, an
external heatsink is required. To calculate the thermal resistance of this
heatsink use the formula:
θ
(H-A) = θ(J-A) - θ(J-C) - θ(C-H)
where:
θ
(J-C) is the junction-to-case thermal resistance, which is specified as
3
°C/W maximum for the AMS2954.
θ
(C-H) is the case-to-heatsink thermal resistance, which is dependent on
the interfacing material (if used).
θ
(H-A)
is the heatsink-to-ambient thermal resistance. It is this
specification which defines the effectiveness of the heatsink. The
heatsink selected must have a thermal resistance equal or lower than the
value of
θ
(H-A) calculated from the above listed formula.
Output Isolation
The regulator output can be left connected to an active voltage source
with the regulator input power turned off, as long as the regulator ground
pin is connected to ground. If the ground pin is left floating, damage to
the regulator can occur if the output is pulled up by an external voltage
source.


Similar Part No. - AMS2954AC-50

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2954AC-X ADMOS-AMS2954AC-X Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2954AC-50

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
   250mA Low Dropout Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC662K FUMAN-SC662K Datasheet
966Kb / 3P
   250mA Low Dropout Voltage Regulator IC
SC6207 FUMAN-SC6207 Datasheet
1Mb / 4P
   250mA Low Dropout Voltage Regulator IC
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com