Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS-536 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # APS-536
Description  Power Supplies - Open Frame
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

APS-536 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  APS-536 Datasheet HTML 1Page - Axiomtek Co., Ltd. APS-536 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
374
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
© 2013 Axiomtek Co., Ltd. All rights reserved.
APS-532
Power Supplies - Open Frame
Model Name
P/N: 50968911000E
APS-532 Open Frame
DC 72W
Input Range
9 ~ 18VDC
Output Voltage
+5V
+12V
-12V
10A
0A min
1.5A
0A min
0.3A
0A min
MTBF (hours)
50,000h
Safety
Meets UL1950, CSA C22.2 NO.234,CE
Dimensions
127 x 76.2 x 29 mm
Compatible with
Axiomtek Products
EM1610/EM1611/EM60321/EM60321C/eBOX745-EFL/eBOX746-EFL


Similar Part No. - APS-536

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530_17 Datasheet
159Kb / 1P
   Power Supplies - Open Frame
More results

Similar Description - APS-536

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530_17 Datasheet
159Kb / 1P
   Power Supplies - Open Frame
logo
SL Power Electronics
FLU40 SLPOWER-FLU40 Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU1-50 SLPOWER-FLU1-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU50-60 SLPOWER-FLU50-60 Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLUX-50 SLPOWER-FLUX-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
   AC/DC Open Frame Power Supplies
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
   AC/DC Open Frame Power Supplies
logo
PowerVolt Inc.
BVU POWERVOLT-BVU Datasheet
693Kb / 2P
   Unregulated Open Frame DC Power Supplies
logo
Wall Industries,Inc.
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com