Electronic Components Datasheet Search |
|
6000-0DC3-31003 Datasheet(PDF) 2 Page - Emcore Corporation |
|
6000-0DC3-31003 Datasheet(HTML) 2 Page - Emcore Corporation |
2 / 7 page DATASHEET | DECEMBER 2011 FIBER OPTICS | REV 2011.12 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Optical / Electrical Characteristics L-type Property Units Models Comments Performance (Note 1-8) 6000-L01 6000-L02 6000-L03 6000-L04 Specified Link Length L (km) 25 25 25 25 Channel Plan NTSC 80-Ch PAL 60-Ch NTSC 110-ch PAL 89-Ch With 36 QPSK carriers from 950 to 2800 MHz Optical Output Power Po (dBm) 8.5/8.5 8.5/8.5 8.5/8.5 8.5/8.5 Min. 10 dBm version avail. See Chart Noise Bandwidth BW (MHz) 4 5 4 5 SBS Suppression (dBm) 15.0 15.0 15.0 15.0 Min. CATV Carrier to Noise Ratio CNR (dB) 51.0 51.0 49.5 49.5 Min. CATV Composite Second Order CSO (dBc) -65 -65 -65 -65 Max. Port 1 CATV Composite Triple Beat CTB (dBc) -65 -65 -65 -65 Max. @ +25 C CATV Composite Triple Beat CTB (dBc) -64 -64 -64 -64 Max. @ 0 oC to 50oC SAT-IF Carrier to Noise Ratio CNR (dB) 27 27 27 27 Min. SAT-IF Intermodulation Products (dBc) -35 -35 -35 -35 Max. Port 1 SAT-IF Spurious Products (dBc) -38 -38 -38 -38 Max. D-type Property Units Models Comments Performance (Note 1-7) 6000-D01 6000-D02 6000-D03 6000-D04 Specified Link Length L (km) 40 40 40 40 Channel Plan NTSC 80-Ch PAL 60-Ch NTSC 110-ch PAL 89-Ch Optical Output Power Po (dBm) 11.0 11.0 11.0 11.0 Min. Noise Bandwidth BW (MHz) 4 5 4 5 SBS Suppression (dBm) > 12.0 >12.0 >12.0 >12.0 Min. Carrier to Noise Ratio CNR (dB) 54.0 54.0 51.0 51.0 Min. Composite Second Order CSO (dBc) -65 -65 -65 -65 Max. Composite Triple Beat CTB (dBc) -65 -65 -65 -65 Max. @ +25 C Composite Triple Beat CTB (dBc) -64 -64 -64 -64 Max. @ 0 oC to 50oC S-type Property Units Models Comments Performance (Note 1-7) 6000-SA1 6000-SA2 6000-SA3 6000-SA4 6000-SA5 Specified Link Length L (km) 65 65 65 65 65 Channel Plan NTSC 80 PAL 60 NTSC 110 PAL 89 42 CENELEC Optical Output Power Po (dBm) 7.0/ 7.0 7.0/ 7.0 7.0/ 7.0 7.0/ 7.0 7.0/ 7.0 Min. - Higher Powers Available Noise Bandwidth BW (MHz) 4 5 4 5 5 SBS Suppression (dBm) 16.0 16.0 16.0 16.0 16.0 Min. Carrier to Noise Ratio CNR (dB) 53.0/ 53.0 53.0/ 53.0 50.0/ 50.0 50.0/ 50.0 53.0/ 53.0 Min. Composite Second Order CSO (dBc) -65/ -65 -65/ -65 -65/ -65 -65/ -65 -65/ -65 Max. Composite Triple Beat CTB (dBc) -65 -65 -65 -65 -65 Max. @ +25 C Composite Triple Beat CTB (dBc) -64 -64 -64 -64 -64 Max. @ 0 oC to 50 oC Medallion 6000 Series 1550 nm Externally Modulated Transmitter |
Similar Part No. - 6000-0DC3-31003 |
|
Similar Description - 6000-0DC3-31003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |