Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF947AT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF947AT1
Description  NPN Silicon Low Noise, High-Frequency Transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF947AT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF947AT1 Datasheet HTML 1Page - Motorola, Inc MRF947AT1 Datasheet HTML 2Page - Motorola, Inc MRF947AT1 Datasheet HTML 3Page - Motorola, Inc MRF947AT1 Datasheet HTML 4Page - Motorola, Inc MRF947AT1 Datasheet HTML 5Page - Motorola, Inc MRF947AT1 Datasheet HTML 6Page - Motorola, Inc MRF947AT1 Datasheet HTML 7Page - Motorola, Inc MRF947AT1 Datasheet HTML 8Page - Motorola, Inc MRF947AT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2–3
MMBR941 MRF947 MRF9411 SERIES
MOTOROLA RF DEVICE DATA
PERFORMANCE CHARACTERISTICS
Conditions
Symbol
MRF9411LT1
MMBR941LT1, T3
MRF947 Series
Unit
Conditions
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Insertion Gain
(VCE = 6.0 V, IC = 15 mA, f = 1.0 GHz)
(VCE = 6.0 V, IC = 15 mA, f = 2.0 GHz)
|S21|2
16
10
14
8.0
14
10.8
dB
Maximum Unilateral Gain (1)
(VCE = 6.0 V, IC = 15 mA, f = 1.0 GHz)
(VCE = 6.0 V, IC = 15 mA, f = 2.0 GHz)
GUmax
18
12
16
10
14.8
11.6
dB
Noise Figure — Minimum (Figure 9)
(VCE = 6.0 V, IC = 5.0 mA, f = 1.0 GHz)
(VCE = 6.0 V, IC = 5.0 mA, f = 2.0 GHz)
NFMIN
1.5
2.1
1.5
2.1
1.5
2.1
dB
Associated Gain at Minimum NF (Figure 9)
(VCE = 6.0 V, IC = 5.0 mA, f = 1.0 GHz)
(VCE = 6.0 V, IC = 5.0 mA, f = 2.0 GHz)
GNF
15
9.5
14
8.5
14
10
dB
Noise Figure — 50 ohm Source
(VCE = 6.0 V, IC = 5.0 mA, f = 1.0 GHz)
NF50
1.9
2.8
1.9
2.8
1.9
2.8
dB
NOTE:
1. Maximum Unilateral Gain is GUmax =
Figure 1. Collector–Base Capacitance
versus Voltage
Figure 2. DC Current Gain versus
Collector Current
Figure 3. Gain Bandwidth Product versus
Collector Current
Figure 4. Insertion Gain versus Collector Current
TYPICAL CHARACTERISTICS
MMBR941LT1, T3; MMBR941BLT1; MRF9411LT1; MRF9411BLT1
IC, COLLECTOR CURRENT (mA)
VCE = 6 V
f = 1 GHz
24
20
16
12
8
4
0
12
3
5
10
7
20
100
70
50
30
VCE = 6 V
VCE = 6 V
f = 1 GHz
IC, COLLECTOR CURRENT (mA)
12
10
8
6
4
2
0
12
3
5
10
7
20
100
70
50
30
IC, COLLECTOR CURRENT (mA)
200
100
70
50
30
20
10
12
3
5
10
7
20
100
70
50
30
300
12
3
5
7
10
1
0.7
0.5
0.1
0.2
0.3
MRF9411LT1
VCB, REVERSE VOLTAGE (V)
MMBR941LT1, T3
f = 1 MHz
|S21|2
(1
– |S11|2)(1 – |S22|2)


Similar Part No. - MRF947AT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF947 MOTOROLA-MRF947 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
More results

Similar Description - MRF947AT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR941 MOTOROLA-MMBR941_99 Datasheet
274Kb / 14P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951 MOTOROLA-MMBR951 Datasheet
232Kb / 13P
   NPN Silicon Low Noise, High-Frequency Transistors
MMBR951ALT1 MOTOROLA-MMBR951ALT1 Datasheet
215Kb / 16P
   NPN Silicon Low Noise, High-Frequency Transistors
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
ON Semiconductor
BC549C ONSEMI-BC549C Datasheet
65Kb / 4P
   Low Noise Transistors NPN Silicon
March, 2007 ??Rev. 2
logo
Leshan Radio Company
MMBT5088LT1 LRC-MMBT5088LT1 Datasheet
211Kb / 4P
   Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5088LT1G ONSEMI-MMBT5088LT1G Datasheet
198Kb / 5P
   Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
BC549B ONSEMI-BC549B Datasheet
57Kb / 4P
   Low Noise Transistors NPN Silicon
February, 2001 ??Rev. 1
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com