Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9443 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9443
Description  Precision TNC Male to TNC Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9443 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9443 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9443 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9443 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/tnc-male-tnc-female-straight-adapter-pe9443-p.aspx
Precision TNC Male to TNC FemaleAdapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Precision TNC Male to TNC Female Adapter
PE9443
PE9443 REV


Similar Part No. - PE9443

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9440 PASTERNACK-PE9440 Datasheet
250Kb / 2P
   Precision SMA Female to TNC Male Adapter
PE9441 PASTERNACK-PE9441 Datasheet
252Kb / 2P
   Precision SMA Male to TNC Female Adapter
PE9442 PASTERNACK-PE9442 Datasheet
248Kb / 2P
   Precision SMA Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
   Precision TNC Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
   Precision TNC Female to TNC Female Adapter
More results

Similar Description - PE9443

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
   Precision TNC Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
   Precision TNC Female to TNC Female Adapter
PE9445 PASTERNACK-PE9445 Datasheet
255Kb / 3P
   Precision TNC Male to TNC Male Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
   TNC Male to TNC Female Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
   TNC Male to TNC Female Adapter
PE9441 PASTERNACK-PE9441 Datasheet
252Kb / 2P
   Precision SMA Male to TNC Female Adapter
PE9440 PASTERNACK-PE9440 Datasheet
250Kb / 2P
   Precision SMA Female to TNC Male Adapter
PE9447 PASTERNACK-PE9447 Datasheet
256Kb / 3P
   Precision N Female to TNC Male Adapter
PE9448 PASTERNACK-PE9448 Datasheet
257Kb / 3P
   Precision N Male to TNC Female Adapter
PE9561 PASTERNACK-PE9561 Datasheet
342Kb / 3P
   QD TNC Male to TNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com