Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX61222TP Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX61222TP
Description  PICMG SBC structure with 5 free slots for expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX61222TP Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX61222TP Datasheet HTML 1Page - Axiomtek Co., Ltd. AX61222TP Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
343
ATX6022/6VP4 backplane (up to 4 x PCI, 1 x ISA, 1 x PICMG)
Optional hot-swap redundant power supply (only for AX61220TP)
450 mm
Removable fan filter
on the front panel
Flexible combination of drive bays for
removable HDD CD-ROM, FDD, tape
drive and hidden HDDs
AX61222TP/AX61220TP
2U Compact Rackmount Chassis
2U rackmount design in depth of 450 mm (AX61222TP)/
475 mm (AX61220TP)
PICMG SBC structure with 5 free slots for expansion
Front-accessible one 5.25" HDD drive bay, one slim-line
CD-ROM, one 3.5" HDD drive bay, and one internal HDD
drive bay
Specifications
Standard Color
Black
Construction
Heavy-duty steel
Drive Capacity
Exposed 1 x slim-line CD-ROM; 1 x 3.5" HDD drive bay;
1 x 5.25" HDD drive bay; internal 1 x 3.5" HDD drive bay
Cooling
2 x 8 cm ball-bearing fans (42.5 CFM/each) with a
removable filter
Front Panel Indicators
Power on/off; HDD
Front Panel Controls
Power on/off; system reset
Front Panel Connectors
2 x USB ; 1 x PS/2 6-pin
Pre-punched Panel
Rear: 1 x 9-pin
System Board
PICMG 1.0 & PICMG 1.3 SBCs
Expansion Interface
ATX6022/6VP4 or FAB105-V1 or FAB205
Operating Temperature
0° ~ 40°C (32°F ~ 104°F)
RangeDimensions
481.4 mm (18.95") (W) x 450 mm (17.7") (D) x 88.9 mm (3.5")
(H)(AX61222TP)
481.4 mm (18.95") (W) x 475 mm (18.7") (D) x 88.9 mm (3.5")
(H)(AX61220TP)
Weight (net/gross)
8.22 kg (18.12 lb)/10.26 kg (22.62 lb) (AX61222TP)
8.6 kg (18.96 lb)/12.02 kg (26.49 lb) (AX61220TP)
Features
Top view


Similar Part No. - AX61222TP

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61222TP AXIOMTEK-AX61222TP_17 Datasheet
437Kb / 2P
   2U Compact Rackmount Chassis
More results

Similar Description - AX61222TP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-6W6608-4S03 ADVANTECH-SYS-6W6608-4S03 Datasheet
1Mb / 2P
   Quad PICMG 1.0 SBC
SYS-6W6608-4S02 ADVANTECH-SYS-6W6608-4S02 Datasheet
244Kb / 1P
   Duo PICMG 1.0 SBC System
SYS-5W6025-4S01 ADVANTECH-SYS-5W6025-4S01 Datasheet
1Mb / 2P
   Intel짰 Core?? Quad Processor SBC System with 5-slot Expansion
logo
Axiomtek Co., Ltd.
IPC912-211-FL AXIOMTEK-IPC912-211-FL Datasheet
541Kb / 2P
   Supports 2 expansion slots
IPC914-211-FL AXIOMTEK-IPC914-211-FL Datasheet
467Kb / 2P
   Supports 4 expansion slots
IPC912-213-FL AXIOMTEK-IPC912-213-FL Datasheet
485Kb / 2P
   Supports 2 expansion slots
IPC924-212-FL AXIOMTEK-IPC924-212-FL Datasheet
578Kb / 2P
   Supports 4 expansion slots
logo
Advantech Co., Ltd.
EPC-B5587 ADVANTECH-EPC-B5587 Datasheet
1Mb / 4P
   Embedded System with 4 PCIE Expansion Slots
8-Sep-2022
logo
Moxa Inc.
V2201 MOXA-V2201 Datasheet
1Mb / 6P
   2 mini PCIe expansion slots for wireless
logo
Advantech Co., Ltd.
EPC-B5505 ADVANTECH-EPC-B5505 Datasheet
1Mb / 2P
   Embedded System with 4 PCIE Expansion Slots
14-Apr-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com