Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6000-0LB1-31013 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 6000-0LB1-31013
Description  1550 nm Externally Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0LB1-31013 Datasheet(HTML) 2 Page - Emcore Corporation

  6000-0LB1-31013 Datasheet HTML 1Page - Emcore Corporation 6000-0LB1-31013 Datasheet HTML 2Page - Emcore Corporation 6000-0LB1-31013 Datasheet HTML 3Page - Emcore Corporation 6000-0LB1-31013 Datasheet HTML 4Page - Emcore Corporation 6000-0LB1-31013 Datasheet HTML 5Page - Emcore Corporation 6000-0LB1-31013 Datasheet HTML 6Page - Emcore Corporation 6000-0LB1-31013 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical / Electrical Characteristics
L-type
Property
Units
Models
Comments
Performance (Note 1-8)
6000-L01
6000-L02
6000-L03
6000-L04
Specified Link Length
L (km)
25
25
25
25
Channel Plan
NTSC 80-Ch
PAL 60-Ch
NTSC 110-ch
PAL 89-Ch
With 36 QPSK carriers
from 950 to 2800 MHz
Optical Output Power
Po (dBm)
8.5/8.5
8.5/8.5
8.5/8.5
8.5/8.5
Min. 10 dBm version
avail. See Chart
Noise Bandwidth
BW (MHz)
4
5
4
5
SBS Suppression
(dBm)
15.0
15.0
15.0
15.0
Min.
CATV Carrier to Noise Ratio
CNR (dB)
51.0
51.0
49.5
49.5
Min.
CATV Composite Second Order
CSO (dBc)
-65
-65
-65
-65
Max. Port 1
CATV Composite Triple Beat
CTB (dBc)
-65
-65
-65
-65
Max. @ +25
C
CATV Composite Triple Beat
CTB (dBc)
-64
-64
-64
-64
Max. @ 0
oC to 50oC
SAT-IF Carrier to Noise Ratio
CNR (dB)
27
27
27
27
Min.
SAT-IF Intermodulation Products
(dBc)
-35
-35
-35
-35
Max. Port 1
SAT-IF Spurious Products
(dBc)
-38
-38
-38
-38
Max.
D-type
Property
Units
Models
Comments
Performance (Note 1-7)
6000-D01
6000-D02
6000-D03
6000-D04
Specified Link Length
L (km)
40
40
40
40
Channel Plan
NTSC 80-Ch
PAL 60-Ch
NTSC 110-ch
PAL 89-Ch
Optical Output Power
Po (dBm)
11.0
11.0
11.0
11.0
Min.
Noise Bandwidth
BW (MHz)
4
5
4
5
SBS Suppression
(dBm)
> 12.0
>12.0
>12.0
>12.0
Min.
Carrier to Noise Ratio
CNR (dB)
54.0
54.0
51.0
51.0
Min.
Composite Second Order
CSO (dBc)
-65
-65
-65
-65
Max.
Composite Triple Beat
CTB (dBc)
-65
-65
-65
-65
Max. @ +25
C
Composite Triple Beat
CTB (dBc)
-64
-64
-64
-64
Max. @ 0
oC to 50oC
S-type
Property
Units
Models
Comments
Performance (Note 1-7)
6000-SA1
6000-SA2
6000-SA3
6000-SA4
6000-SA5
Specified Link Length
L (km)
65
65
65
65
65
Channel Plan
NTSC 80
PAL 60
NTSC 110
PAL 89
42 CENELEC
Optical Output Power
Po (dBm)
7.0/ 7.0
7.0/ 7.0
7.0/ 7.0
7.0/ 7.0
7.0/ 7.0
Min. - Higher
Powers Available
Noise Bandwidth
BW (MHz)
4
5
4
5
5
SBS Suppression
(dBm)
16.0
16.0
16.0
16.0
16.0
Min.
Carrier to Noise Ratio
CNR (dB)
53.0/ 53.0
53.0/ 53.0
50.0/ 50.0
50.0/ 50.0
53.0/ 53.0
Min.
Composite Second Order
CSO (dBc)
-65/ -65
-65/ -65
-65/ -65
-65/ -65
-65/ -65
Max.
Composite Triple Beat
CTB (dBc)
-65
-65
-65
-65
-65
Max. @ +25
C
Composite Triple Beat
CTB (dBc)
-64
-64
-64
-64
-64
Max. @ 0
oC to
50
oC
Medallion 6000 Series 1550 nm
Externally Modulated Transmitter


Similar Part No. - 6000-0LB1-31013

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0LB1-11001 EMCORE-6000-0LB1-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-0LB1-31013

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com