Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06031A390GAT4A Datasheet(PDF) 3 Page - AVX Corporation

Part # 06031A390GAT4A
Description  C0G (NP0) Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

06031A390GAT4A Datasheet(HTML) 3 Page - AVX Corporation

  06031A390GAT4A Datasheet HTML 1Page - AVX Corporation 06031A390GAT4A Datasheet HTML 2Page - AVX Corporation 06031A390GAT4A Datasheet HTML 3Page - AVX Corporation 06031A390GAT4A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
C0G (NP0) Dielectric
Capacitance Range
Letter
AB
CE
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.22
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.009)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
SIZE
01005
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.016 ± 0.0008) (0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.20 ± 0.02
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.008 ± 0.0008) (0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
mm
0.10 ± 0.04
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.004 ± 0.016)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
25
50
16
25
50
16
25
50
100
16
25
50
100
200
16
25
50
100
200
500
Cap
0.5
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
(pF)
1.0
B
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.2
B
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.5
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.3
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.9
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
4.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
5.6
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
6.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
8.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
10
B
A
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
12
B
A
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
15
B
A
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
18
B
A
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
22
B
A
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
27
A
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
33
A
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
39
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
47
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
56
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
68
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
82
A
CCC
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
100
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
120
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
150
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
180
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
220
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
270
C
C
C
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
330
C
C
C
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
390
C
C
C
G
G
G
J
J
J
J
M
J
J
J
J
J
M
470
C
C
C
G
G
G
J
J
J
J
M
J
J
J
J
J
M
560
G
G
G
J
J
J
J
M
J
J
J
J
J
M
680
G
G
G
J
J
J
J
J
J
J
J
J
P
820
G
G
G
J
J
J
J
J
J
J
J
M
1000
G
G
G
J
J
J
J
J
J
J
J
Q
1200
JJ
J
J
J
J
J
Q
1500
JJ
J
J
J
J
M
Q
1800
JJ
J
J
J
M
M
2200
JJ
N
J
J
M
P
2700
JJ
N
J
J
M
P
3300
JJ
J
J
M
P
3900
JJ
J
J
M
P
4700
JJ
J
J
M
P
5600
JJ
M
6800
MM
8200
MM
Cap
0.010
MM
(µF)
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.068
0.082
0.1
WVDC
25
50
16
25
50
16
25
50
100
16
25
50
100
200
16
25
50
100
200
500
SIZE
01005
0201
0402
0603
0805
1206
L
W
T
t
PREFERRED SIZES ARE SHADED


Similar Part No. - 06031A390GAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031A390GAT2A AVX-06031A390GAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results

Similar Description - 06031A390GAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7KAT2A AVX-04025A4R7KAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A3R9D4T2A AVX-06031A3R9D4T2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3BAT2A AVX-06031A4R3BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3CAT2A AVX-06031A4R3CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R2CAT2A AVX-04023A2R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R7BAT2A AVX-04023A2R7BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A3R3DAT2A AVX-04023A3R3DAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com