Electronic Components Datasheet Search |
|
GPM40-28 Datasheet(PDF) 2 Page - SL Power Electronics |
|
GPM40-28 Datasheet(HTML) 2 Page - SL Power Electronics |
2 / 2 page Note: For 48 volt model, GPC40-48 or GPM40-48, contact factory for availability. A. Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load. B. To maintain these regulation conditions, the 5.1V current must be at least 1/4 of V2 and not greater than 5 times the V2 current. C. Requires +5.1V to be adjusted within ±1% with at least a 0.4A load to maintain regulation on this output. D. Add “G” suffix to model number for RoHS compliant model. 3 3 Commercial Model Medical Model Output No. Output Output Minimum Output Maximum Output Peak Noise P-P Total Regulation Notes GPC40A GPM40A 1 +5.1 V 0.4 A 4 A 5 A 50 mV 2% 2 +12 V 0 A 2 A 3 A 120 mV 5% B,C 3 -12 V 0 A 0.4 A 0.7 A 120 mV 3% C GPC40B GPM40B 1 +5.1 V 0.4 A 4 A 5 A 50 mV 2% 2 +15 V 0 A 2 A 3 A 150 mV 5% B,C 3 -15 V 0 A 0.4 A 0.7 A 150 mV 3% C GPC40D GPM40D 1 +5.1 V 0.4 A 4 A 5 A 50 mV 2% 2 +24 V 0.A 1 A 1.5 A 240 mV 5% B,C 3 -12 V 0.A 0.4 A 0.7 A 120 mV 3% C GPC40-3.3 GPM40-3.3 1 3.3 V 0 8 A 10 A 35 mV 2% GPC40-5 GPM40-5 1 5 V 0 8 A 10 A 50 mV 2% GPC40-9 GPM40-9 1 9 V 0 A 4.5 A 6 A 90mV 2% GPC40-12 GPM40-12 1 12 V 0 A 3.3 A 4.2 A 120 mV 2% GPC40-15 GPM40-15 1 15 V 0 A 2.7 A 3.3 A 150 mV 2% GPC40-24 GPM40-24 1 24 V 0 A 1.7 A 2.1 A 240 mV 2% GPC40-28 GPM40-28 1 28 V 0 A 1.4 A 1.8 A 280 mV 2% SL Power Electronics Corp, 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 www.slpower.com. Rev. 1/07. Data Sheet © 2007 SL Power Electronics Corp. The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Condor accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice. GPC40/GPM40 MECHANICAL SPECIFICATIONS ENVIRONMENTAL SPECIFICA- TIONS OPERATING NON-OPERATING Temperature (A) See individual specs. -40 to +85°C Humidity (A) 0 to 95% RH 0 to 95% RH Shock (B) 20 g pk 40 g pk Altitude -500 to 10,000 ft -500 to 40,000 ft Vibration (C) 1.5 g rms’ 0.003 g 2 /Hz 5 g rms’ 0.026 g 2 /Hz A. Units should be allowed to warm up/operate under non-condensing onditions before application of power. B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal axes, total 6 shocks. C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1 hr./axis non-operating. |
Similar Part No. - GPM40-28 |
|
Similar Description - GPM40-28 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |