Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1750000348 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 1750000348
Description  Intel짰 Core?? Duo Socket 479 Mini-ITX with CRT/DVI/LVDS, 6 COM and Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1750000348 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  1750000348 Datasheet HTML 1Page - Advantech Co., Ltd. 1750000348 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
ƒ Supports Intel® Core™2 Duo mobile processor uFC-PGA 478 dual channel
DDR3 800/1066 MHz SDRAM and max. 4 GB dual channel DDR3 800/1066
MHz SDRAM
ƒ Intel GM45 and ICH9M supports FSB 667/800/1066 MHz
ƒ Supports dual display for CRT, LVDS, and DVI
ƒ PCIe x16 expansion for add-on cards
ƒ Supports SUSIAccess and Embedded Software APIs
AIMB-258
Intel® Core™2 Duo Socket 479 Mini-ITX
with CRT/DVI/LVDS, 6 COM and Dual LAN
Specifications
Processor System
CPU (45 nm µFC-PGA 478)
Intel Core 2 Duo
Intel Core 2 Duo
Intel Core 2 Duo
Intel Celeron M
Max. Speed
T9400 2.53 GHz
P8600 2.4GHz
P8400 2.26GHz
575 2.0 GHz
Front Side Bus
667/800/1066 MHz
1066 MHz
1066 MHz
667
L2 Cache
6 MB
3 MB
3 MB
1 MB
Chipset
GM45 + ICH9M
BIOS
Award 16 Mbit, SPI
Expansion Slot
PCI
-
Mini-PCI
-
PCIe x16
4 GB/s per direction, 1 slot (if PCIe x16 is used, DVI is automatically disabled)
Memory
Technology
DDR3 800/1066 MHz SDRAM
Max. Capacity
4 GB
Socket
2 x 204-pin SODIMM (Non-ECC)
Graphics
Controller
Intel GM45 GMCH integrated Graphics Media Accelerator X4500
VRAM
Shared system memory up to 384 MB video memory
LVDS
Single channel 18/24-bit/Dual channel 36/48-bit LVDS
TV-Out
-
DVI
Yes (if DVI is used, PCIex 16 is automatically disabled)
Dual Display
CRT + DVI; CRT + LVDS; DVI + LVDS
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Realtek RTL8111C; GbE LAN2: Realtek RTL8111C
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
300 MB/s
Channel
2
SSD
CompactFlash
Supports CompactFlash Type I/II
Rear I/O
CRT
1
DVI
1
Ethernet
2
USB
4 (USB 2.0 compliant)
Audio
3 (Mic-in, Line-in, Line-out)
Serial
2 (1 of RS-232, 1 of RS-232/422/485)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connector
LVDS
1
USB
4 (USB 2.0 compliant)
Serial
4 (RS-232)
IDE
-
SATA
2
CompactFlash
1
Parallel
-
IrDA
-
FDD
-
GPIO
16-bit
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Power On
Intel Core™2 Duo Mobile Processor T9400 2.53GHz, 4 GB DDR3 SDRAM
5 V
3.3 V
12 V
5 Vsb
-12 V
0.99 A
2.67 A
2.07 A
0.17 A
0.08 A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F)
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
170 mm x 170 mm (6.69" x 6.69")
Utilities:
Software APIs:
Watchdog
H/W Monitor
SMBus
BIOS flash
GPIO
Brightness
Monitoring
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - 1750000348

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1750000318 ADVANTECH-1750000318 Datasheet
455Kb / 1P
   802.11 b/g/n Mini PCIe Card
1750000318 ADVANTECH-1750000318 Datasheet
145Kb / 1P
   TI Cortex A8 Industrial Communication Gateway with 2 x LAN and 6 x COM Ports
22-Dec-2020
1750000318 ADVANTECH-1750000318 Datasheet
536Kb / 2P
   Development Kit for SMARC V1.1 CPU Module ROM-5420
6-Jun-2019
1750000318 ADVANTECH-1750000318 Datasheet
452Kb / 1P
   Advantech 802.11 b/g/n Mini PCIe Card
1750000318 ADVANTECH-1750000318 Datasheet
132Kb / 1P
   TI Cortex A8 Industrial Communication Gateway with 2 x LAN, 4 x COM Ports
22-Dec-2020
More results

Similar Description - 1750000348

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-256 ADVANTECH-AIMB-256_12 Datasheet
1Mb / 2P
   Intel짰 Core?? Duo Socket 479 Mini-ITX with CRT/DVI/LVDS, 4 COM and Dual LAN
AIMB-258 ADVANTECH-AIMB-258 Datasheet
1Mb / 3P
   Intel짰 Core??2 Duo Mini-ITX with VGA/DVI/LVDS, 6 COM,and Dual LAN
09-Nov-2009
AIMB-256 ADVANTECH-AIMB-256 Datasheet
1Mb / 3P
   Intel짰 Core??2 Duo Mini-ITX with VGA/DVI/LVDS, 4 COM and Dual LAN
09-Nov-2009
AIMB-213 ADVANTECH-AIMB-213 Datasheet
1Mb / 2P
   Intel짰 Atom??N455/D525 Mini-ITX with CRT/DVI/LVDS, 6 COM, and Dual LAN
AIMB-262VG-00A1E ADVANTECH-AIMB-262VG-00A1E Datasheet
1Mb / 2P
   Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
AIMB-262 ADVANTECH-AIMB-262_12 Datasheet
1Mb / 2P
   Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
AIMB-210_1206 ADVANTECH-AIMB-210_1206 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN
AIMB-281 ADVANTECH-AIMB-281 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM,Dual LAN, PCIe x4
AIMB-281 ADVANTECH-AIMB-281_V01 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM, Dual LAN, PCIe x4
15-Feb-2016
AIMB-267KIOSK ADVANTECH-AIMB-267KIOSK Datasheet
1Mb / 2P
   Intel짰 Core?? Quad LGA 775 mini-ITX with CRT/LVDS, 8 COM, Dual LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com