Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1750000348 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 1750000348
Description  Intel짰 Core?? Duo Socket 479 Mini-ITX with CRT/DVI/LVDS, 6 COM and Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

1750000348 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  1750000348 Datasheet HTML 1Page - Advantech Co., Ltd. 1750000348 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
Ordering Information
Display
GbE
SATA
Serial
CF
AIMB-258G2-00A1E
CRT/DVI/ LVDS
Dual
2
6
1
Packing List
Part number
Description
Quantity
1700003194
SATA HDD cable
2
1700017461
SATA power cable
2
1750000348
CPU cooler
1
1960019193T100
I/O port bracket
1
2006025810
Startup manual
1
2066025800
Driver CD
1
1701400181
Cable kits for 4 serial ports
1
I/O View
AIMB-258
AIMB-258G2-00A1E
Optional Accessories
Part Number
Description
1700003195
USB cable with two ports, 17.5 cm
1700002204
USB cable with two ports, 27 cm
1700008461
USB cable with four ports, 30.5 cm
Embedded OS/API
OS/API
Part No.
Description
Win XPE
2070009518
Image WES2009 AIMB-258 V4.0 ENG
2070009657
XPE WES2009 AIMB-258 V4.0 CHT
2070009658
XPE WES2009 AIMB-258 V4.0 MUI24
Software API
205E000021
SUSI 3.0 SW API for AIMB-258 XP
Intel GM45
GMCH
CRT
Intel Socket 478
Core 2 Duo Processor
BIOS
NXP 9555
16-bit GPIO
Super IO
Winbond
W83627UHG
ICH9M
CRT
PCIe x16
CH7318 via SDVOC
DDR3 800/1066
DDR3 800/1066
Channel A
Channel B
LVDS
Dual Channel
24-bit LVDS
GbE-LAN1: Realtek 8111C
GbE-LAN2: Realtek 8111C
SPI
DVI
PCIe x16 slot
LPC
6 COM,WDT, PS/2
SM Bus
JMB368
2 SATA ports
8 USB Ports
Realtek Audio
Codec ALC888
300MB/s
PCIex 1
CF
IDE
PCIe x1
PCIe x1
USB 2.0/1.1
HD Audio


Similar Part No. - 1750000348

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
1750000318 ADVANTECH-1750000318 Datasheet
455Kb / 1P
   802.11 b/g/n Mini PCIe Card
1750000318 ADVANTECH-1750000318 Datasheet
145Kb / 1P
   TI Cortex A8 Industrial Communication Gateway with 2 x LAN and 6 x COM Ports
22-Dec-2020
1750000318 ADVANTECH-1750000318 Datasheet
536Kb / 2P
   Development Kit for SMARC V1.1 CPU Module ROM-5420
6-Jun-2019
1750000318 ADVANTECH-1750000318 Datasheet
452Kb / 1P
   Advantech 802.11 b/g/n Mini PCIe Card
1750000318 ADVANTECH-1750000318 Datasheet
132Kb / 1P
   TI Cortex A8 Industrial Communication Gateway with 2 x LAN, 4 x COM Ports
22-Dec-2020
More results

Similar Description - 1750000348

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-256 ADVANTECH-AIMB-256_12 Datasheet
1Mb / 2P
   Intel짰 Core?? Duo Socket 479 Mini-ITX with CRT/DVI/LVDS, 4 COM and Dual LAN
AIMB-258 ADVANTECH-AIMB-258 Datasheet
1Mb / 3P
   Intel짰 Core??2 Duo Mini-ITX with VGA/DVI/LVDS, 6 COM,and Dual LAN
09-Nov-2009
AIMB-256 ADVANTECH-AIMB-256 Datasheet
1Mb / 3P
   Intel짰 Core??2 Duo Mini-ITX with VGA/DVI/LVDS, 4 COM and Dual LAN
09-Nov-2009
AIMB-213 ADVANTECH-AIMB-213 Datasheet
1Mb / 2P
   Intel짰 Atom??N455/D525 Mini-ITX with CRT/DVI/LVDS, 6 COM, and Dual LAN
AIMB-262VG-00A1E ADVANTECH-AIMB-262VG-00A1E Datasheet
1Mb / 2P
   Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
AIMB-262 ADVANTECH-AIMB-262_12 Datasheet
1Mb / 2P
   Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
AIMB-210_1206 ADVANTECH-AIMB-210_1206 Datasheet
1Mb / 2P
   Intel짰 Atom??N270 Mini-ITX with CRT/LVDS, 6 COM, and Dual LAN
AIMB-281 ADVANTECH-AIMB-281 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM,Dual LAN, PCIe x4
AIMB-281 ADVANTECH-AIMB-281_V01 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM, Dual LAN, PCIe x4
15-Feb-2016
AIMB-267KIOSK ADVANTECH-AIMB-267KIOSK Datasheet
1Mb / 2P
   Intel짰 Core?? Quad LGA 775 mini-ITX with CRT/LVDS, 8 COM, Dual LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com