Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSR0.3A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DSR0.3A
Description  Low profile space
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DSR0.3A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DSR0.3A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DSR0.3A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.luguang.cn
Email:lge@luguang.cn
DSR0.3A-DSR0.3M
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
SOD - 123FL
Dimensions in millimeters


Similar Part No. - DSR0.3A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
DSR0.3A JUXING-DSR0.3A Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
DSR0.3A CHENDA-DSR0.3A Datasheet
935Kb / 2P
   Surface Mount Standard Rectifiers Reverse Voltage - 50 to 100 0 Volts Forward Current - 0.3 Ampere
logo
SUNMATE electronic Co.,...
DSR0.3A SUNMATE-DSR0.3A Datasheet
401Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
logo
Guangdong Juxing Electr...
DSR0.3A JUXING-DSR0.3A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
logo
Zibo Seno Electronic En...
DSR0.3A ZSELEC-DSR0.3A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
More results

Similar Description - DSR0.3A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
20EHT1 TEC-20EHT1 Datasheet
308Kb / 2P
   Low profile design allows for a space-saving design solution
logo
STMicroelectronics
EMIF06-HSD04F3 STMICROELECTRONICS-EMIF06-HSD04F3 Datasheet
546Kb / 8P
   Very low PCB space consumption
November 2014 Rev 1
logo
List of Unclassifed Man...
1-1462037-6 ETC2-1-1462037-6 Datasheet
3Mb / 6P
   Slim line 10x6mm, low profile 5.65mm and min. board-space 60mm2
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
logo
PHOENIX CONTACT
2702491 PHOENIX-2702491 Datasheet
68Kb / 3P
   Space saving, thanks to the low height
logo
List of Unclassifed Man...
RSH300 ETC-RSH300 Datasheet
680Kb / 1P
   SPACE HEATERS
logo
Maxim Integrated Produc...
MAXM17514 MAXIM-MAXM17514 Datasheet
588Kb / 15P
   Saves Board Space in Space-Constrained Applications
Rev 1; 4/15
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Micross Components
HMC425 MICROSS-HMC425 Datasheet
890Kb / 9P
   Space Applications
logo
Maxim Integrated Produc...
MAXM17543 MAXIM-MAXM17543 Datasheet
829Kb / 18P
   Saves Board Space in Space-Constrained Applications
Rev 0; 11/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com