Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL200-15 Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # 2CL200-15
Description  High Voltage Diodes for Special Using
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

2CL200-15 Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  2CL200-15 Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Limiting Values (Absolute Maximum Rating)
Item
Symbol Unit
2CL200/15
Repetitive Peak Reverse Voltage
VRRM
kV
15
Surge(Non-repetitive)Forward Current
IFSM
A
4000
Storage Temperature
Tstg
-40~+125
Operating Ambient Temperature
Ta
-40~+100
Electrical Characteristics (T
a=25
Unless otherwise specified
)
Max
Item
Symbol
Test Condition
Unit
2CL200/15
Peak Forward Voltage
VFM
IFM=IF (AV)
V
30
IRRM1
Ta=25℃
5
Peak Reverse Current
IRRM2 Ta=100℃
VRM=VRRM µA
50
Outline Dimensions and Mark (example)
Unit: mm
25min
25min
15±0.5
φ0.8±0.03
φ4.2±0.2
Mark
2CL200/15
KI SEMICONDUCTOR CO.
High Voltage Diodes for Special Using
2CL200/15


Similar Part No. - 2CL200-15

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL200KV GETEDZ-2CL200KV Datasheet
534Kb / 2P
   Potting Type High Voltage Rectifier Subassembly
More results

Similar Description - 2CL200-15

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
2CL100-30 KISEMICONDUCTOR-2CL100-30 Datasheet
132Kb / 1P
   High Voltage Diodes for Special Using
2CL300-10 KISEMICONDUCTOR-2CL300-10 Datasheet
164Kb / 1P
   High Voltage Diodes for Special Using
2CL500-30 KISEMICONDUCTOR-2CL500-30 Datasheet
133Kb / 2P
   High Voltage Diodes for Special Using
logo
GETAI ELECTRONICS DEVIC...
HV-TG1015 GETEDZ-HV-TG1015 Datasheet
619Kb / 2P
   100mA 15kV 100nS--High Voltage Diodes for special using
logo
Lite-On Technology Corp...
LTE-5228A LITEON-LTE-5228A Datasheet
81Kb / 3P
   SPECIAL FOR HIGH CURENT AND LOW FORWARD VOLTAGE
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
WALSIN TECHNOLOGY CORPO...
WK25V_J WALSIN-WK25V_J Datasheet
381Kb / 8P
   Special material and design for high working voltage require
WK25V WALSIN-WK25V Datasheet
225Kb / 8P
   Special material and design for high working voltage require
WF25V WALSIN-WF25V Datasheet
373Kb / 8P
   Special material and design for high working voltage require
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com