Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907AWT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMBT2907AWT1
Description  General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBT2907AWT1 Datasheet(HTML) 1 Page - Motorola, Inc

  MMBT2907AWT1 Datasheet HTML 1Page - Motorola, Inc MMBT2907AWT1 Datasheet HTML 2Page - Motorola, Inc MMBT2907AWT1 Datasheet HTML 3Page - Motorola, Inc MMBT2907AWT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Preliminary Information
General Purpose Transistor
PNP Silicon
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT–323/SC–70 package
which is designed for low power surface mount applications.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
–60
Vdc
Collector – Base Voltage
VCBO
–60
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
PD
150
mW
Thermal Resistance Junction to Ambient
RqJA
833
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
MMBT2907AWT1 = 2F
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(2)
(IC = –10 mAdc, IB = 0)
V(BR)CEO
–60
Vdc
Collector – Base Breakdown Voltage
(IC = –10 mAdc, IE = 0)
V(BR)CBO
–60
Vdc
Emitter – Base Breakdown Voltage
(IE = –10 mAdc, IC = 0)
V(BR)EBO
–5.0
Vdc
Base Cutoff Current
(VCE = –30 Vdc, VEB(off) = –0.5 Vdc)
IBL
–50
nAdc
Collector Cutoff Current
(VCE = –30 Vdc, VEB(off) = –0.5 Vdc)
ICEX
–50
nAdc
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Thermal Clad is a registered trademark of the Berquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMBT2907AWT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBT2907AWT1
Motorola Preferred Device
1
2
3
CASE 419 – 02, STYLE 3
SOT– 323/SC – 70
© Motorola, Inc. 1997
COLLECTOR
3
1
BASE
2
EMITTER


Similar Part No. - MMBT2907AWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Leshan Radio Company
MMBT2907AWT1 LRC-MMBT2907AWT1 Datasheet
53Kb / 2P
   General Purpose Transistor(PNP Silicon)
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
35Kb / 4P
   General Purpose Transistor PNP Silicon
April, 2004 ??Rev. 3
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
   General Purpose Transistor
logo
ON Semiconductor
MMBT2907AWT1G ONSEMI-MMBT2907AWT1G Datasheet
35Kb / 4P
   General Purpose Transistor PNP Silicon
April, 2004 ??Rev. 3
More results

Similar Description - MMBT2907AWT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com