Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPM200F Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPM200F
Description  200 Watt Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPM200F Datasheet(HTML) 1 Page - SL Power Electronics

  GPM200F Datasheet HTML 1Page - SL Power Electronics GPM200F Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
64
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GPC200 Commercial/GPM200 Medical
200 Watt Global Performance Switchers
SPECIFICATIONS:
Ac Input
85-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated output
load: 5.5 A
Hold-Up Time
20 ms minimum from loss of ac input at full load, nominal line
(115 Vac).
Output Power
150 W convection; 200 with 26 cfm air; 220 W peak. Peak ratings
are for 60 s maximum duration, 10% duty cycle. During peak
load condition, output regulation may exceed total regulation
limits.
Overload Protection
Fully protected against short circuit and output overload. Short
circuit protection is cycling type power limit on outputs 1 & 2;
foldback type on outputs 3 & 4. Recovery after fault is automatic.
See output ratings chart for additional notes or conditions.
Overvoltage Protection
Main outputs: 124% ± 12% typical.
Efficiency
Minimum 65% at full rated load, nominal input voltage, depending
on model and load distribution.
Input Protection
Internal ac fuse provided. Designed to blow only if a catastrophic
failure occurs in the unit.
Inrush Current
Inrush is limited by internal thermistors. Inrush at 240 Vac under
cold start conditions will not exceed 60 A.
Temperature Coefficient
0.03%/
°C typical on all outputs.
Thermal Shutdown
Provided as a standard feature. Designed to protect unit from
prolonged overtemperature.
Environmental
Designed for 0 to 50°C operation at full rated output power;
derate output current and total output power by 2.5% per °C
above 50°C. See Environmental and Packaging Specifications
on next page.
FEATURES:
• Wide-range ac input 85-264 Vac
• 2-year warranty
• Conducted EMI exceeds FCC Class B and CISPR 22
Class B (Commercial models) and CISPR 11 Class B
(Medical models)
• Commercial Approved to UL1950, IEC950 and
CSA22.2-234 L3
• Medical Approved to UL2601-1, IEC601-1 and
CSA22.2 No. 601
• Multiple outputs
marked to LVD
Power Fail
TTL- or CMOS-compatible output goes low (< 0.5 V) 5 ms
before output voltage drops more than 4% below nominal
voltage upon loss of ac power.The signal is factory set to trip on
84 to 94 Vac brown-out depending upon incoming line impedance
and distortion. Other settings are available to the user through
adjustment of built-in potentiometer.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode.
Measured with noise probe directly across output terminals of
the power supply.
Transient Response
Main output—500 µs typical response time for return to within
0.5% of final value for a 50% load step change.
∆i/∆t<0.2 A/µs.
Maximum voltage deviation is 3.5%. Startup/shutdown overshoot
less than 3%.
Remote Sense
Provided as a standard feature on main 5 V output.
Voltage Adjustment
Built-in potentiometer adjusts voltage ±5% on output 1 & 2.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following
emissions requirements:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GPC200 EN55022 Class B; FCC Class B
Conducted Emissions GPM200 EN55011 Class B; FCC Class B
Static Discharge
EN61000-4-2, 6 kV contact, 8 kV air
RF Field Susceptibility
EN61000-4-3, 3 V/meter
Fast Transients/Bursts
EN61000-4-4, 2 kV, 5 kHz
Surge Susceptibility
EN61000-4-5, 1 kV diff., 2 kV com.
Commercial Leakage Current
0.95 mA 254 Vac @ 60 Hz input (with no deviations).
Commercial Safety
Approved to UL1950, CSA22.2 No. 234 Level 3, IEC950 and
EN60950. UL file #E135803 commercial; CSA #LR46516 all
models.The output(s) are intended for safety earthed Signal
Output and Intermediate Circuits only. All dc outputs are SELV
under normal and single fault conditions.
Medical Leakage Current
60 µA 254 Vac @ 60 Hz input.
Medical Safety
Approved to UL2601-1, CSA-C22.2 No. 601 Level 3 and IEC601.
UL file E116994; CSA #LR46516.The output(s) are intended for
safety earthed Signal Output and Intermediate Circuits only.The
output(s) are not acceptable for patient connection without
additional isolation. All dc outputs are SELV under normal and
single fault conditions.


Similar Part No. - GPM200F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPM200F SLPOWER-GPM200F Datasheet
48Kb / 2P
   Maximum Continuous Output Power at 50째C With external 26 cfm Airflow = 200 W
More results

Similar Description - GPM200F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
GPFC125 SLPOWER-GPFC125 Datasheet
230Kb / 2P
   125 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com