Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPM80-5 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPM80-5
Description  80 Watt Global Single and Multiple Output Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPM80-5 Datasheet(HTML) 1 Page - SL Power Electronics

  GPM80-5 Datasheet HTML 1Page - SL Power Electronics GPM80-5 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode. Measured with noise
probe directly across output terminals of the power supply.
Transient Response
Main output—500 μs typical response time for return to within 0.5% of final value
for a 50% load step change. ∆i/∆t<0.2 A/μs. Maximum voltage deviation is 3.5%.
Startup/shutdown overshoot less than 3%.
Remote Sense
Provided as a standard feature on single-output models.
Voltage Adjustment
Built-in potentiometer adjusts voltage ±5% on outputs 1 & 2.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions
requirements:
Ac Input
85-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated output load: 2.3 A
Hold-Up Time
20 ms minimum from loss of ac input at full load, nominal line (115 Vac).
Output Power
80 W continuous, 110 W with air flow. Peak ratings are for 60 s maximum
duration, 10% duty cycle. During peak load condition, output regulation may
exceed total regulation limits.
Overload Protection
Fully protected against short circuit and output overload. Short circuit protec-
tion is cycling type power limit on outputs 1 & 2; foldback type on outputs 3
& 4. Recovery after fault is automatic. Factory set to begin power limiting at
120 W. See output ratings chart for additional notes or conditions.
Overvoltage Protection
Main outputs: 124% ± 12% typical.
Efficiency
70% at full rated load, nominal input voltage, depending on model and load
distribution.
Input Protection
Internal ac fuse provided. Designed to blow only if a catastrophic failure oc-
curs in the unit.
Inrush Current
Inrush is limited by internal thermistors. Inrush at 240 Vac under cold start
conditions will not exceed 34 A.
Temperature Coefficient
0.03%/°C typical on all outputs.
Environmental
Designed for 0 to 50°C operation at full rated output power; derate output
current and total output power by 2.5% per °C above 50°C. See Environmen-
tal and Packaging Specifications on next page.
Power Fail (optional)
TTL- or CMOS-compatible output goes low (< 0.5 V) 5 ms before output
voltage drops more than 4% below nominal voltage upon loss of ac power.
The signal is factory set to trip on 84 to 94 Vac brown-out depending upon
incoming line impedance and distortion. Other settings are available to the
user through adjustment of built-in potentiometer (consult factory for as-
sistance). For Power fail option, add -PF after model number.
GPC80 Commercial/GPM80 Medical
80 Watt Global Single and Multiple Output Performance Switchers
• Wide-range ac input 85-264 Vac
• 2-year warranty
• Conducted EMI exceeds FCC Class B and CISPR 22
Class B (Commercial models) and CISPR 11 Class B
(Medical models)
• Commercial Approved to UL1950, IEC950, EN60950 and
CSA22.2-234 L3
• Medical Approved to UL2601-1, IEC601-1 and CSA22.2
No. 601.1
• Complies with EN61000-3-2 Class A
• RoHS Compliant Model Available (G suffix)
PERFORMANCE MEDICAL SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
FEATURES:
SPECIFICATIONS
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GPC80
Conducted Emissions GPM80
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
Line Frequency Harmonics
EN55022 Class B; FCC Class B
EN55011Class B; FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kHz
EN61000-4-5, 1 kV diff., 2 kV com.
EN61000-3-2 Class A
Commercial Leakage Current
0.7 mA 254 Vac @ 60 Hz input.
Commercial Safety
Approved to UL1950, CSA22.2 No. 234 Level 3, IEC950 and EN60950. UL file
#E135803 commercial; CSA #LR46516 all. The output(s) are intended for safety
earthed Signal Output and Intermediate Circuits only. All dc outputs are SELV
under normal and single fault conditions.
Medical Leakage Current
35 μA 254 Vac @ 60 Hz input.
Medical Commercial Safety
Approved to UL2601-1, CSA-C22.2 No. 601.1 Level 3 and IEC601.1. UL file E116994;
CSA #LR46516. The output(s) are intended for safety earthed Signal Output and
Intermediate Circuits only. The output(s) are not acceptable for patient connection
without additional isolation. All dc outputs are SELV under normal and
single fault conditions.


Similar Part No. - GPM80-5

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPM8F1019A GENERALPLUS-GPM8F1019A Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
GPM8F1019A-nnnA-EG09x GENERALPLUS-GPM8F1019A-nnnA-EG09x Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
GPM8F1019A-nnnA-HG09x GENERALPLUS-GPM8F1019A-nnnA-HG09x Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
GPM8F1019A-nnnA-T GENERALPLUS-GPM8F1019A-nnnA-T Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
GPM8F1033A GENERALPLUS-GPM8F1033A Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
More results

Similar Description - GPM80-5

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLM75 SLPOWER-GLM75 Datasheet
321Kb / 2P
   75 Watt Multiple Output Global Performance Switchers
GLM65 SLPOWER-GLM65 Datasheet
310Kb / 2P
   65 Watt Multiple Output Global Performance Switchers
GLC65H SLPOWER-GLC65H Datasheet
310Kb / 2P
   65 Watt Multiple Output Global Performance Switchers
GLC75 SLPOWER-GLC75 Datasheet
321Kb / 2P
   75 Watt Multiple Output Global Performance Switchers
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
   7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com