Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPM55-28 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPM55-28
Description  55 Watt Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPM55-28 Datasheet(HTML) 2 Page - SL Power Electronics

  GPM55-28 Datasheet HTML 1Page - SL Power Electronics GPM55-28 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics Corp.. 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 www.slpower.com Rev. 5/08.
Data Sheet © 2008 SL Power Electronics Corp. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, Condor accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
See individual Specs -40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GPC55/GPM55 MECHANICAL SPECIFICATIONS
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1
hr./axis non-operating.
Commercial
Model
Medical
Model
Output No.
Output
Output
Minimum
Output
Maximun
Output
Peak
Noise P-P
Total
Regulation (A)
GPC55A
GPM55A
1
2
3
4
+5 V
+12 V
+12 V
-12 V
0.7 A
0 A
0 A
0 A
6 A
3 A
1 A
1 A
8 A
5 A
1.2 A
1.2 A
50 mV
120 mV
120 mV
120 mV
2%
2%
3%
3%
GPC55B
GPM55B
1
2
3
4
+5 V
+12 V
-5 V
-12 V
0.7 A
0 A
0 A
0 A
6 A
3 A
1 A
1 A
8 A
5 A
1.2 A
1.2 A
50 mV
120 mV
50 mV
120 mV
2%
2%
3%
3%
GPC55C
GPM55C
1
2
3
4
+5 V
+15 V
-5 V
-15 V
0.7 A
0 A
0 A
0 A
6 A
3 A
1 A
1 A
8 A
5 A
1.2 A
1.2 A
50 mV
150 mV
50 mV
150 mV
2%
2%
3%
3%
GPC55D
GPM55D
1
2
3
4
+5 V
+24 V
+12 V
-12 V
0.7 A
0 A
0 A
0 A
6 A
1.5 A
1 A
1 A
8 A
5 A
1.2 A
1.2 A
50 mV
240 mV
120 mV
120 mV
2%
2%
3%
3%
GPC55E
GPM55E
1
2
3
4
+5 V
+24 V
+15 V
-15 V
0.7 A
0 A
0 A
0 A
6 A
1.5 A
1 A
1 A
8 A
5 A
1.2 A
1.2 A
50 mV
120 mV
150 mV
150 mV
2%
2%
3%
3%
GPC55F
GPM55F
1
2
3
4
+5 V
+12 V
+15 V
-15 V
0.7 A
0 A
0 A
0 A
6 A
3 A
1 A
1 A
8 A
5 A
1.2 A
11
50 mV
120 mV
150 mV
150 mV
2%
2%
3%
3%
GPC55-5
GPM55-5
1
5 V
0 A
11 A
14 A
50 mV
2%
GPC55-12
GPM55-12
1
12 V
0 A
4.7 A
5.8 A
120 mV
2%
GPC55-15
GPM55-15
1
15 V
0 A
3.7 A
4.7 A
150 mV
2%
GPC55-24
GPM55-24
1
24 V
0 A
2.3 A
2.9 A
240 mV
2%
GPC55-28
GPM55-28
1
28 V
0 A
2.0 A
2.4 A
280 mV
2%
GPC55-48
1
48 V
0 A
1.5 A
1.5 A
480 mV
2%
A. Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load.
B. Add“G”suffix to model to indicate RoHS compliant moel.


Similar Part No. - GPM55-28

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPM55-28 SLPOWER-GPM55-28 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
GPM55-28 SLPOWER-GPM55-28 Datasheet
296Kb / 2P
   GLOBAL PERFORMANCE SWITCHERS
More results

Similar Description - GPM55-28

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
GPC200 SLPOWER-GPC200 Datasheet
180Kb / 2P
   200 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com