Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPM80-15 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPM80-15
Description  80 Watt Global Single and Multiple Output Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPM80-15 Datasheet(HTML) 2 Page - SL Power Electronics

  GPM80-15 Datasheet HTML 1Page - SL Power Electronics GPM80-15 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics, Inc. 6050 King Drive, Bldg. A, Ventura, CA, 93003, USA. Phone: (805) 486 4565 Fax: (805) 487 8911 Email: sl@slpower.com Rev. 12/06.
Data Sheet © 2006 SL Power Electronics, Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
See individual specs -40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GPC80/GPM80 MECHANICAL SPECIFICATIONS
* Add “G” suffix to part number for RoHS compliant model. Contact factory for availability.
A. Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load.
B. Ratings for unrestricted natural convection cooling; output 1 & 2 combined load not to exceed 14A continuous; total power = 80W.
C. Ratings with 26 cfm forced air cooling; output 1 & 2 combined load not to exceed 16A continuous; total power = 110W.
D. To maintain these regulation conditions, the +5V current must be at least 1/4 of V2 and not greater than 5 times the V2 current. Requires +5V to be adjusted within ±1%
with at least a 1A load to maintain regulation on this input.
E. For Power Fail option, add -PF after the model number.
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1
hr./axis non-operating.
Commercial
Model
Medical
Model
RoHS
Suffix*
Output No.
Output
Output
Minimum
Output
Maximum (B)
Output
Maximum ( C ) Output Peak
Noise P-P
Total
Regulation (A)
GPC80A
GPM80A
G
1
2
3
4
+5 V
+12 V
-12 V
+12 V
1.0 A
0 A
0 A
0 A
12 A
3 A
1 A
1 A
12 A
4 A
1.2 A
1.2 A
16 A
5 A
1.2 A
1.2 A
50 mV
120 mV
120 mV
120 mV
2%
2%
3%
3%
GPC80B
GPM80B
G
1
2
3
4
+5 V
+12 V
-12 V
-5 V
1.0 A
0 A
0 A
0 A
12 A
3 A
1 A
1 A
12 A
4 A
1.2 A
1.2 A
16 A
5 A
1.2 A
1.2 A
50 mV
120 mV
120 mV
50 mV
2%
2%
3%
3%
GPC80C
GPM80C
G
1
2
3
4
+5 V
+12 V
-15 V
+15 V
1 A
0 A
0 A
0 A
12 A
3 A
1 A
1 A
12 A
4 A
1.2 A
1.2 A
16 A
5 A
1.2 A
1.2 A
50 mV
120 mV
150 mV
150 mV
2%
2%
3%
3%
GPC80D
GPM80D
G
1
2
3
4
+5 V
+24 V
-12 V
+12 V
1 A
0 A
0 A
0 A
12 A
2 A
1 A
1 A
12 A
3 A
1.2 A
1.2 A
16 A
4 A
1.2 A
1.2 A
50 mV
240 mV
120 mV
120 mV
2%
2%
3%
3%
GPC80 E
GPM80E
G
1
2
3
4
+5 V
+24 V
-15 V
+15 V
1 A
0 A
0 A
0 A
12 A
2 A
1 A
1 A
12 A
3 A
1.2 A
1.2 A
16 A
4 A
1.2 A
1.2 A
50 mV
240 mV
150 mV
150 mV
2%
2%
3%
3%
GPC80P
GPM80P
G
1
2
3
4
+5 V
+24 V
-12 V
+12 V
1 A
0.5 A
0 A
0 A
12 A
3.5 A
1 A
2 A
12 A
4.5 A
1.2 A
2 A
16 A
4.5 A
1.2 A
2.5 A
50 mV
400 mV
120 mV
120 mV
2%
+10%/-5% D
3%
3%
GPC80-5
GPM80-5
G
1
5 V
0 A
16 A
20 A
22 A
50 mV
2%
GPC80-12
GPM80-12
G
1
12 V
0 A
6.7 A
9.2 A
9.2 A
120 mV
2%
GPC80-15
GPM80-15
G
1
15 V
0 A
5.3 A
7.3 A
7.3 A
150 mV
2%
GPC80-24
GPM80-24
G
1
24 V
0 A
3.4 A
4.6 A
4.6 A
240 mV
2%
GPC80-28
GPM80-28
G
1
28 V
0 A
2.9 A
3.9 A
3.9 A
280 mV
2%
GPC80-48
GPM80-48
G
1
48 V
0 A
1.7 A
2.3 A
2.3 A
480 mV
2%


Similar Part No. - GPM80-15

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPM8F1019A GENERALPLUS-GPM8F1019A Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
GPM8F1019A-nnnA-EG09x GENERALPLUS-GPM8F1019A-nnnA-EG09x Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
GPM8F1019A-nnnA-HG09x GENERALPLUS-GPM8F1019A-nnnA-HG09x Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
GPM8F1019A-nnnA-T GENERALPLUS-GPM8F1019A-nnnA-T Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
GPM8F1033A GENERALPLUS-GPM8F1033A Datasheet
1Mb / 103P
   30/20-pin Microcontroller with 128/64/32/18KB Flash Memory
More results

Similar Description - GPM80-15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLM75 SLPOWER-GLM75 Datasheet
321Kb / 2P
   75 Watt Multiple Output Global Performance Switchers
GLM65 SLPOWER-GLM65 Datasheet
310Kb / 2P
   65 Watt Multiple Output Global Performance Switchers
GLC65H SLPOWER-GLC65H Datasheet
310Kb / 2P
   65 Watt Multiple Output Global Performance Switchers
GLC75 SLPOWER-GLC75 Datasheet
321Kb / 2P
   75 Watt Multiple Output Global Performance Switchers
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
   7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com