Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPFM250-24 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPFM250-24
Description  250 Watt Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPFM250-24 Datasheet(HTML) 2 Page - SL Power Electronics

  GPFM250-24 Datasheet HTML 1Page - SL Power Electronics GPFM250-24 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics Corp., 6050 King Drive, Bldg. A, Ventura, CA, 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 Email: info@slpower.com Rev. 4/9/07.
Data Sheet © 2006 SL Power Electronics Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
0 to 50°
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GPFC250/GPFM250 MECHANICAL SPECIFICATIONS
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power. Derate output current and total
output power by 2.5% per °C above 50°C.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1
hr./axis non-operating.
INPUT:
TB1
6-32,3PINTERMINALBLOCK0.375”
PIN1)ACLINE
PIN2)ACNEUTRAL
PIN3)ACGROUND
SIGNALS:J2
AMPP.C.B.HEADERP/N640456-5
MATINGCONNECTORP/N640440-5
PIN1)DCGOOD
PIN2)POWERFAIL
PIN3)EXTOFF
PIN4)+SENSE
PIN5)-SENSE
FAN
AMPP.C.B.HEADERP/N640456-2
MATINGCONNECTORP/N640440-2
PIN1)-
PIN2)+
OUTPUT:
TB2
6-32,4PINTERMINALBLOCK0.375
[9.53mm]CTR
ANOPTIONALBUSBARWITH10-32
SCREWSONHIGH-CURRENTMODELS
ISAVAILABLEBYADDING-BTO
MODELNUMBER
PINS1-2)+Vout
PINS3-4)RETURN
16AMAXIMUMRECOMMENDED
CURRENTPERCONNECTORPIN.
MAX.SCREWPROTRUSIONABOVE
CHASSIS=0.120”[3.05MM].
OPTIONAL:COVER/FANASSEMBLY#09-250CF
CANBEINCLUDEDBYADDING-CTO
MODELNUMBER
WEIGHT:2.9LBS.[1.32kg]MAX.
TOLERANCES:
X.XX=0.030[0.76mm]
X.XXX+0.010[0.25mm]
Commercial
Model
Medical
Model
RoHS
Suffix*
Output No.
Output
Voltage
Adjustment
Output
Maximum (A)
Output
Maximum (B)
OVP Setpoint
Total
Regulation
Notes
GPFC250-3.3
GPFM250-3.3
G
1
3.3 V
±5%
36 A
50 A
6.2 ± 0.6 V
2%
C
GPFC250-5
GPFM250-5
G
1
5.1 V
±5%
36 A
50 A
6.2 ± 0.6 V
2%
C
GPFC250-12
GPFM250-12
G
1
12 V
±5%
15 A
21 A
14 ± 1.1 V
2%
C
GPFC250-15
GPFM250-15
G
1
15 V
±5%
12 A
16.7 A
18.5 ± 1.5 V
2%
C
GPFC250-24
GPFM250-24
G
1
24 V
±5%
7.5 A
10.5 A
28 ± 2.5 V
2%
C
GPFC250-28
GPFM250-28
G
1
28 V
±5%
6.5 A
9 A
34 ± 2.8 V
2%
C
GPFC250-48
GPFM250-48
G
1
48 V
±5%
3.8 A
5.3 A
55 ± 4.0 V
2%
C
* Add “G” suffix to part number for RoHS compliant model.
A. Continuous output rating with unrestricted convection cooling.
B. Continuous output rating with 26cfm airflow or “-C” option. Also one minute peak rating for convection cooled.
C. Add “-C” suffix for factory installed cover with fan option.


Similar Part No. - GPFM250-24

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFM115 SLPOWER-GPFM115 Datasheet
286Kb / 2P
   115 Watt Global Performance Switchers
GPFM115-12 SLPOWER-GPFM115-12 Datasheet
286Kb / 2P
   115 Watt Global Performance Switchers
GPFM115-13 SLPOWER-GPFM115-13 Datasheet
286Kb / 2P
   115 Watt Global Performance Switchers
GPFM115-15 SLPOWER-GPFM115-15 Datasheet
286Kb / 2P
   115 Watt Global Performance Switchers
GPFM115-24 SLPOWER-GPFM115-24 Datasheet
286Kb / 2P
   115 Watt Global Performance Switchers
More results

Similar Description - GPFM250-24

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
GPC200 SLPOWER-GPC200 Datasheet
180Kb / 2P
   200 Watt Global Performance Switchers
GPFC125 SLPOWER-GPFC125 Datasheet
230Kb / 2P
   125 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com