Electronic Components Datasheet Search |
|
6000-0SC1-32013 Datasheet(PDF) 5 Page - Emcore Corporation |
|
6000-0SC1-32013 Datasheet(HTML) 5 Page - Emcore Corporation |
5 / 7 page DATASHEET | DECEMBER 2011 FIBER OPTICS | REV 2011.12 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. General and Mechanical Specifications (continued) Property Requirement Comments Front Panel RF Gain / OMI Adjustment Range +2 / -4 dB from nominal setting CATV Performance can vary slightly CATV Frequency Range 45MHz – 1003 MHz CATV Flatness +/- 0.50 dB 45MHz - 550MHz +/- 0.75 dB 45MHz – 1003 MHz CATV Flatness – N-Type +/- 0.75 dB 45MHz – 1003 MHz N-Type CATV Input impedance 75 CATV Input Return Loss 16dB min 45MHz – 1003 MHz CATV Front Panel RF Tap -20 +/- 1 dB down from RF input CATV Front Panel RF Tap Flatness +/- 1 dB 45MHz – 1003 MHz SAT-IF Frequency Range 950MHz – 2800 MHz SAT-IF Flatness +/- 2 dB SAT-IF Input impedance 75 SAT-IF Input Return Loss 10dB min 950MHz – 2800 MHz SAT-IF Front Panel RF Tap 7 +/- 2.5 dBmV/Ch at 1% OMI/ch SAT-IF Front Panel RF Tap Flatness +/- 1 dB 950MHz – 2800 MHz Test/Link Configuration Property EDFA Link 1 Received Power 2 L-Type 15 dBm 25 Km 0.0 dBm at the receiver D-Type None 40 Km 0.0 dBm at the receiver S-Type 16 dBm 65 Km 0.0 dBm at the receiver H-Type 18 dBm 80 Km 0.0 dBm at the receiver F-Type 21 dBm 20 Km -5.5 dBm at the receiver N-Type 13 dBm 40 Km 0.0 dBm at the receiver Medallion 6000 Series 1550 nm Externally Modulated Transmitter |
Similar Part No. - 6000-0SC1-32013 |
|
Similar Description - 6000-0SC1-32013 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |