Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-580WG2-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-580WG2-00A1E
Description  Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN, DDR3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-580WG2-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-580WG2-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-580WG2-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
ƒ Supports Intel® Core™ i7/i5/i3/Pentium/Xeon processor with Q57/3450
chipset
ƒ Four DIMM sockets support up to 16 GB DDR3 800/1066/1333 MHz SDRAM
ƒ Supports dual display of CRT and DVI and dual GbE LAN
ƒ Supports SATA RAID 0, 1, 5, 10, AMT 6.0, TPM 1.2 (optional)
ƒ Supports SUSIAccess and Embedded Software APIs
AIMB-580 Intel®Core™i7/i5/i3/Pentium®/XeonLGA1156
mATX with CRT/DVI, 4 COM, Dual LAN, DDR3
Specifications
Processor System
CPU
Xeon 34xx
Intel Core i7
8xx
Intel Core i5
7xx
Intel Core i5
6xx
Intel Core i3
5xx
Intel Pentium
G69xx
Core Number
4
4
4
2
2
2
Max. Speed
2.93 GHz
2.93 GHz
2.66 GHz
3.3 GHz
3.06 GHz
2.8 GHz
Integrated Graphic
No
No
No
Yes
Yes
Yes
L2 Cache
8 MB
8 MB
8 MB
4 MB
4 MB
3 MB
Supports Model
WG2
QG2
QG2
WG2/QG2
WG2/QG2
WG2/QG2
Chipset
Q57/3450
BIOS
AMI 64 Mbit SPI
Expansion Slot
PCI
32-bit/33 MHz, 2 slots
PCIe x4
1.0 GB/s per direction, 1 slot
PCIe x16 (Gen2)
8 GB/s per direction, 1 slot
Memory
Technology
Dual Channel DDR3 800/1066/1333 MHz SDRAM
Max. Capacity
16 GB
Socket
4 x 240-pin DIMM
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
CRT
Yes, supports max resolution 2048 x 1536 at 60 Hz
DVI
Yes, supports max resolution 1920 x 1200 at 60 Hz
Dual Display
CRT+DVI
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel 82578DM, GbE LAN2: Intel 82583V
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
300 MB/s
Channel
6
Rear I/O
CRT
1
DVI-D
1
Ethernet
2
USB
4 (USB 2.0 compliant)
Audio
2 (Mic-in, Line-out)
Serial
2 (RS-232)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connector
USB
6 (USB 2.0 compliant)
Serial
2 (1 x RS-232, 1 x RS-232/422/485 to support auto flow control)
IDE
-
SATA
6
FDD
1
Parallel
1
IrDA
-
GPIO
-
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Intel Core i7-860 2.8 GHz, 2 GB DDR3 1333 MHz SDRAM x 4 pcs
Power On
5 V
3.3 V
12 V
5 Vsb
-12 V
4.21 A
1.22 A
8.01 A
0.78 A
0.05 A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F), depends on CPU speed and cooler solution
-40 ~ 85° C (-40 ~ 185° F)
Physical Characteristics
Dimensions
244 mm x 244 mm (9.6" x 9.6")
Watchdog
H/W Monitor
SMBus
Monitoring
BIOS flash
Embedded
Security ID
Utilities:
Software APIs:
GPIO
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - AIMB-580WG2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-580WG2-00A1E ADVANTECH-AIMB-580WG2-00A1E Datasheet
710Kb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN
More results

Similar Description - AIMB-580WG2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-580 ADVANTECH-AIMB-580_14 Datasheet
710Kb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰/Xeon LGA1156 mATX with CRT/DVI, 4 COM, Dual LAN
AIMB-780 ADVANTECH-AIMB-780_12 Datasheet
2Mb / 2P
   LGA1156 Intel짰 Core??i7/i5/i3/Pentium짰/Xeon짰 ATX with DVI/VGA, 4 COM, Dual LAN, DDR3
AIMB-780 ADVANTECH-AIMB-780 Datasheet
1Mb / 3P
   Intel짰 Core??i7/i5/i3/Pentium/Xeon with DVI/VGA, 4 COM, Dual LAN, DDR3
AIMB-280 ADVANTECH-AIMB-280_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰 LGA1156 Mini-ITX with CRT/DVI, 2 COM, Dual LAN, PCIe x16
AIMB-580 ADVANTECH-AIMB-580 Datasheet
756Kb / 2P
   Intel짰 Core i7/i5/i3/Pentium mATX with VGA/DVI, 4 COM, Dual LAN
20-Jan-2010
logo
Protech Systems Co., Lt...
PMB-871LF PROTECHSYSTEMS-PMB-871LF Datasheet
535Kb / 2P
   ATX MB with Intel짰 Core??i7/i5/i3/Pentium Core??i7/i5/i3/Pentium Dual LAN, DDR3
logo
Advantech Co., Ltd.
AIMB-581 ADVANTECH-AIMB-581 Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-502 ADVANTECH-AIMB-502 Datasheet
813Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-501 ADVANTECH-AIMB-501 Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-701 ADVANTECH-AIMB-701_V01 Datasheet
744Kb / 2P
   LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com