Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPMP600 Datasheet(PDF) 7 Page - SL Power Electronics

Part # GPMP600
Description  ENVIRONMENTAL REPORT: EXECUTIVE SUMMARY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPMP600 Datasheet(HTML) 7 Page - SL Power Electronics

Back Button GPMP600 Datasheet HTML 3Page - SL Power Electronics GPMP600 Datasheet HTML 4Page - SL Power Electronics GPMP600 Datasheet HTML 5Page - SL Power Electronics GPMP600 Datasheet HTML 6Page - SL Power Electronics GPMP600 Datasheet HTML 7Page - SL Power Electronics GPMP600 Datasheet HTML 8Page - SL Power Electronics GPMP600 Datasheet HTML 9Page - SL Power Electronics GPMP600 Datasheet HTML 10Page - SL Power Electronics GPMP600 Datasheet HTML 11Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Power Cycling: Five OFF/ON cycles (1 Min ON / 1 Min OFF) are performed at the end of each dwell.
Parameters monitored: Vin, Vout, signals as required (power good, etc.)
Pass/Fail criteria: Loss of output, or output is outside specified limit.
Cum.
Level
Damage
(Qual=1)
1
10:00
5
0.038
0.038
0.0012
0.17
2
10:00
7
0.078
0.078
0.0024
1.6
3
10:00
9
0.129
0.129
0.004
9
4
10:00
11
0.192
0.192
0.0059
37
5
10:00
13
0.269
0.269
0.0082
120
Pass/Fail criteria: Loss of output, or output is outside specified limit.
Random Vibration Step Stress
Parameters Monitored: Vin, Vout, signals as required (power good, etc.)
Time
(min:sec)
Overall
Grms
PSD Gsqd/Hz
10 Hz
350 Hz
2000 Hz
Condor Temperature HALT Profile
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
Time (Hrs.)
Temp
Power
10
100
1000
2000
1
.1
.01
.001
.0001
Frequency (Hz)
Condor HALT Random Vibration Profile
Y Axis
X Axis
Z Axis


Similar Part No. - GPMP600

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPMP900 SLPOWER-GPMP900 Datasheet
711Kb / 3P
   High Power Supplies 900 Watt AC/DC Universal Input Power Supply
GPMP900-24 SLPOWER-GPMP900-24 Datasheet
711Kb / 3P
   High Power Supplies 900 Watt AC/DC Universal Input Power Supply
GPMP900-28 SLPOWER-GPMP900-28 Datasheet
711Kb / 3P
   High Power Supplies 900 Watt AC/DC Universal Input Power Supply
GPMP900-36 SLPOWER-GPMP900-36 Datasheet
711Kb / 3P
   High Power Supplies 900 Watt AC/DC Universal Input Power Supply
GPMP900-48 SLPOWER-GPMP900-48 Datasheet
711Kb / 3P
   High Power Supplies 900 Watt AC/DC Universal Input Power Supply
More results

Similar Description - GPMP600

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
44539 EXTECH-44539 Datasheet
73Kb / 1P
   Executive Desktop Clock
logo
List of Unclassifed Man...
FR-159 ETC-FR-159 Datasheet
38Kb / 1P
   FAILURE REPORT
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
   Item Summary
JMK021BJ472KK-W TAIYO-YUDEN-JMK021BJ472KK-W Datasheet
289Kb / 2P
   Item Summary
JMK042BJ473KC-W TAIYO-YUDEN-JMK042BJ473KC-W Datasheet
288Kb / 2P
   Item Summary
JMK063BC6105MP-F TAIYO-YUDEN-JMK063BC6105MP-F Datasheet
288Kb / 2P
   Item Summary
logo
List of Unclassifed Man...
OZ9910 ETC2-OZ9910 Datasheet
375Kb / 17P
   Change Summary
logo
Alpha & Omega Semicondu...
AOTF6N90 AOSMD-AOTF6N90 Datasheet
43Kb / 6P
   HVMOS Family Report
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
logo
Taiyo Yuden (U.S.A.), I...
LMK325B7226MMHP TAIYO-YUDEN-LMK325B7226MMHP Datasheet
289Kb / 2P
   Item Summary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com