Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPMP900 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPMP900
Description  High Power Supplies 900 Watt AC/DC Universal Input Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPMP900 Datasheet(HTML) 1 Page - SL Power Electronics

  GPMP900 Datasheet HTML 1Page - SL Power Electronics GPMP900 Datasheet HTML 2Page - SL Power Electronics GPMP900 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GPMP900 SERIES SINGLE OUTPUT MEDICAL POWER SUPPLY
• 90 -264 Vac nominal input range
• Overvoltage, over temp. and short circuit protection
• Approved to UL, CSA and EN Standards
• Power Good LED
• Low Leakage
• 12 V Auxiliary output
• Medical and commercial approvals
g
The GPMP Series are universal input AC/DC power supplies with power
factor correction (PFC) with up to 900 Watts ouput power. The GPMP
product incorporates true inhibit, power fail alarm, power good signal and
fan control. The series is approved to EN60601-1 and EN60950-1 to reduce
design-in time and end system compliance costs
INPUT SPECIFICATIONS
Input Voltage range
Universal input
100-240 nom (90 - 264 max)
Vac
Input frequency
47 Hz to 63 Hz
Input surge current
40 A max.
Ground Leakage current
264 Vac 60 Hz
160 mA
Input current
115 Vac
12.0 A max
Input current
230 Vac
6.0 A max
Input fuse
F1
15.0 A
EMC INFORMATION
Conducted emissions
EN55011
Level B
Radiated emissions
EN55011
Level A
Line freq. harmonics
EN61000-3-2
Class A
Voltage fluctuations
EN61000-3-3
Complies (clause 5b)
ESD Air
EN61000-4-2
8 kV contact
ESD Contact
EN61000-4-2
6 kV air
Radiated immunity
EN61000-4-3
3 V/m
Fast Transients (EFT)
EN61000-4-4
2 kV 5 kHz
Line surge immunity
EN61000-4-5
1 kV diff /2 kV cm
Conducted immunity
EN61000-4-6
3 Vrms
Power freq. mag. field
EN61000-4-8
3 A/m
Voltage dip immunity
EN61000-4-11
Unit will ride through without loss of
output at 75% of rated load with AC
power fail warning.
ENVIRONMENTAL SPECIFICATIONS
Thermal Performance
operating ambient
(see ratings chart)
-20 oC to +70 oC
non-operating
-40 to +85 oC
0 - 50 oC
Fan cooled
900 Watts
Maximum Altitude
operating / non-operating
10,000 ft. / 40,000
ft. max.
Relative Humidity
non-condensing
5% - 90% RH
Vibration (operating)
0.003 g2/Hz
1.5 g
rms 3 axes 10
min/axis
Vibration (non-operating)
0.026 g2/Hz
5.0 g
rms 3 axes, 1
hr/axis
Shock
half-sine 20 g
pk
10 ms, 3 axes, 6
shocks total
Shock
half-sine 40 g
pk
10 ms, 3 axes, 6
shocks total
OUPUT SPECIFICATIONS
Output Power
Integral forced air
900 Watts max.
Total Regulation
See table
Rise time
At turn-on
3.0 s max.
Transient response
Main output 25%
0.2 A/ms
3.5% max. dev. 350 ms recovery
to 1%
Temperature Coef-
ficient
+/-0.03%/oC
Overvoltage protection
125% +/-10%
Short Circuit protection block wall
Yes
All specifications are typical at nominal input, full load at 25 OC unless otherwise stated
SPECIFICATIONS
High Power Supplies 900 Watt AC/DC Universal Input Power Supply
SUMMARY
Page 1 of 3


Similar Part No. - GPMP900

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPMP600 SLPOWER-GPMP600 Datasheet
3Mb / 12P
   ENVIRONMENTAL REPORT: EXECUTIVE SUMMARY
More results

Similar Description - GPMP900

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPHP600 SLPOWER-GPHP600 Datasheet
480Kb / 3P
   High Power Supplies 600/700 Watt AC/DC Universal Input Power Supply
GNT30 SLPOWER-GNT30 Datasheet
377Kb / 2P
   Low Power Medical Power Supplies 30 Watt AC/DC Universal Input Power Supply
GSM11 SLPOWER-GSM11 Datasheet
691Kb / 2P
   Low Power Medical Power Supplies 11 Watt AC/DC Universal Input Power Supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
   150 Watt AC/DC Power Supply Universal Input
logo
Total Power Internation...
TPAM15S TOTAL-POWER-TPAM15S_17 Datasheet
260Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES
logo
Lineage Power Corporati...
CCH125 LINEAGEPOWER-CCH125 Datasheet
225Kb / 2P
   125 Watt Modular Power Supply Universal AC Input Range
CCH75 LINEAGEPOWER-CCH75 Datasheet
985Kb / 1P
   75 Watt Modular Power Supply Universal AC Input Range
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
   40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
   110 W universal input ac-dc power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com