Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPMP900-28 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPMP900-28
Description  High Power Supplies 900 Watt AC/DC Universal Input Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPMP900-28 Datasheet(HTML) 2 Page - SL Power Electronics

  GPMP900-28 Datasheet HTML 1Page - SL Power Electronics GPMP900-28 Datasheet HTML 2Page - SL Power Electronics GPMP900-28 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GENERAL SPECIFICATIONS
Hold-up time
120 Vac, 60 Hz
>35 ms at 900 Watts output
Efficiency
120 Vac 900 W output
>84 %
isolation voltage
input to ouput
input to ground
4000 Vac
1800 Vac
Switching frequency
fixed
70 KHz, +/- 10 KHz
Safety Approvals
UL/EN/IEC 60601-1 CSA22.2 No.60601-1
Maximum weight
2 kg (4.4 lbs)
MODEL NUMBER
Output
Peak Output
Features
Ripple (3) Regulation
GPMP900-24
24 V 37.5 A
24 V 39.5 A
+/-5% adjust
<240 mV +/- 0.5%
GPMP900-28
28 V 32.1 A
28 V 34.1 A
+/-5% adjust
<240 mV +/- 0.5%
GPMP900-36
36 V 25.0 A
36 V 27.0 A
+/-5% adjust
<240 mV +/- 0.5%
GPMP900-48
48 V 18.8 A
48 V 20.8 A
+/-5% adjust
<240 mV +/- 0.5%
All Models Aux. output 12.25 V 0.25 A
N/A
N/A
<120 mV 11.9 - 12.7 V
NOTES
1. Integral forced air cooling
2. Peak rating is for 1 minute maximum 10% duty cycle
3. Noise measurent 20 MHz Bandwidth, differential mode. Measured with scope probe directly across output terminals of the power supply.
4. 12 V Auxiliary output does not shutdown with inhibit
Page 2 of 3
MECHANICAL NOTES
The GPMP series is factory configured with standard connectors. Options B and T are available, Please contact factory for other connector arrange-
ments


Similar Part No. - GPMP900-28

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPMP600 SLPOWER-GPMP600 Datasheet
3Mb / 12P
   ENVIRONMENTAL REPORT: EXECUTIVE SUMMARY
More results

Similar Description - GPMP900-28

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPHP600 SLPOWER-GPHP600 Datasheet
480Kb / 3P
   High Power Supplies 600/700 Watt AC/DC Universal Input Power Supply
GNT30 SLPOWER-GNT30 Datasheet
377Kb / 2P
   Low Power Medical Power Supplies 30 Watt AC/DC Universal Input Power Supply
GSM11 SLPOWER-GSM11 Datasheet
691Kb / 2P
   Low Power Medical Power Supplies 11 Watt AC/DC Universal Input Power Supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
   150 Watt AC/DC Power Supply Universal Input
logo
Total Power Internation...
TPAM15S TOTAL-POWER-TPAM15S_17 Datasheet
260Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES
logo
Lineage Power Corporati...
CCH125 LINEAGEPOWER-CCH125 Datasheet
225Kb / 2P
   125 Watt Modular Power Supply Universal AC Input Range
CCH75 LINEAGEPOWER-CCH75 Datasheet
985Kb / 1P
   75 Watt Modular Power Supply Universal AC Input Range
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
   40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
   65 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
   110 W universal input ac-dc power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com