Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSM7-15 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GSM7-15
Description  7 Watt Single Output Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GSM7-15 Datasheet(HTML) 2 Page - SL Power Electronics

  GSM7-15 Datasheet HTML 1Page - SL Power Electronics GSM7-15 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
Condor D.C. Power Supplies, Inc./A subsidiary of SL Industries, Inc.
2311 Statham Parkway, Oxnard, CA 93033 • 800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GSM7 MECHANICAL SPECIFICATIONS
GSM7 Medical 7 Watt Single Output
l
e
d
o
M
t
u
p
t
u
O
t
n
e
r
r
u
C
n
o
i
t
a
l
u
g
e
R
d
a
o
L
t
n
i
o
p
t
e
S
l
a
i
t
i
n
I
e
c
n
a
r
e
l
o
T
t
n
i
o
p
t
e
S
P
V
O
e
s
i
o
N
d
n
a
e
l
p
p
i
R
5
-
7
M
S
G
V
1
.
5A
4
.
1%
5
7
.
0%
5
.
2V
6
.
0
±
2
.
6%
1
2
1
-
7
M
S
G
V
2
1A
6
.
0%
5
7
.
0%
5
.
2V
1
.
1
±
4
1%
1
5
1
-
7
M
S
G
V
5
1A
5
.
0%
5
7
.
0%
5
.
2V
5
.
1
±
5
.
8
1%
1
4
2
-
7
M
S
G
V
4
2A
3
.
0%
5
7
.
0%
5
.
2V
5
.
2
±
8
2%
1
8
2
-
7
M
S
G
V
8
2A
3
.
0%
5
7
.
0%
5
.
2V
8
.
2
±
4
3%
1
l
a
t
n
e
m
n
o
r
i
v
n
E
n
o
i
t
a
c
i
f
i
c
e
p
S
g
n
i
t
a
r
e
p
O
g
n
i
t
a
r
e
p
o
-
n
o
N
)
A
(
e
r
u
t
a
r
e
p
m
e
TC
º
0
5
o
t
0C
º
5
8
+
o
t
0
4
-
)
A
(
y
t
i
d
i
m
u
HH
R
%
5
9
o
t
0H
R
%
5
9
o
t
0
)
B
(
k
c
o
h
Sg
0
2
k
p
g
0
4
k
p
e
d
u
t
i
t
l
At
f
0
0
0
,
0
1
o
t
0
0
5
-t
f
0
0
0
,
0
4
o
t
0
0
5
-
)
C
(
n
o
i
t
a
r
b
i
Vg
5
.
1
s
m
r
g
3
0
0
.
0
,
2
z
H
/g
5
s
m
r
g
6
2
0
.
0
,
2
z
H
/
A. Units should be allowed to warm up/operate under non-condensing conditions
before application of power.
B. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3
orthogonal axes.Tested for 10 min./axis operating and 1 hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal
axes, total 6 shocks.
0.563 [14.300mm]
0.900 [22.860mm]
2.00
2.060
2.28
0.100 [2.540mm]
0.360 [9.144mm]
1.780
TYP
0.110 [2.794mm]
TYP
[50.80mm]
[52.324mm]
0.110 [2.794mm]
[45.212mm]
0.110 [2.794mm]
[57.912mm]
0.15 [3.81mm] MAX.
LEAD/SMT PROTRUSION
0.120 [3.05mm] DIA.
MTG. 4 PLCS
WEIGHT: 2 OZ. MAX. (0.057kg)
W/CENTER PIN REMOVED: 0.098 CTR HEADER
AC LINE
PIN3
INPUT: J1
PIN1
MOLEX P/N: 22-43-8030
AC
MATING CONNECTOR MOLEX P/N'S
INPUT: J1
OUTPUT :
50-37-5023
HOUSING
50-37-5033
CONTACT
08-70-1040
NOTE: 2A MAX. RECOMMENDED CURRENT
PER CONNECTOR PIN.
0.098 CTR HEADER
PIN1
PIN2
MOLEXP/N: 22-43-8020
RETURN
+V
08-70-1040
OUTPUT : J2
TOLERANCES:
X.XX =± 0.030 (0.76MM)
X.XXX =± 0.010 (0.25MM)


Similar Part No. - GSM7-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
   80CH Segment Driver For Dot Matrix LCD
More results

Similar Description - GSM7-15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLM65-5 SLPOWER-GLM65-5 Datasheet
309Kb / 2P
   65 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
   75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GPC80 SLPOWER-GPC80 Datasheet
332Kb / 2P
   80 Watt Global Single and Multiple Output Performance Switchers
GLM75 SLPOWER-GLM75 Datasheet
321Kb / 2P
   75 Watt Multiple Output Global Performance Switchers
GLM65 SLPOWER-GLM65 Datasheet
310Kb / 2P
   65 Watt Multiple Output Global Performance Switchers
GLC65H SLPOWER-GLC65H Datasheet
310Kb / 2P
   65 Watt Multiple Output Global Performance Switchers
GLC75 SLPOWER-GLC75 Datasheet
321Kb / 2P
   75 Watt Multiple Output Global Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com