Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT15GT60BRD Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT15GT60BRD
Description  The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT15GT60BRD Datasheet(HTML) 4 Page - Advanced Power Technology

  APT15GT60BRD Datasheet HTML 1Page - Advanced Power Technology APT15GT60BRD Datasheet HTML 2Page - Advanced Power Technology APT15GT60BRD Datasheet HTML 3Page - Advanced Power Technology APT15GT60BRD Datasheet HTML 4Page - Advanced Power Technology APT15GT60BRD Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VF, ANODE-TO-CATHODE VOLTAGE (VOLTS)
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
Figure 1, Forward Voltage Drop vs Forward Current
Figure 2, Reverse Recovery Charge vs Current Slew Rate
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
TJ, JUNCTION TEMPERATURE (°C)
Figure 3, Reverse Recovery Current vs Current Slew Rate
Figure 4, Dynamic Parameters vs Junction Temperature
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
diF /dt, CURRENT SLEW RATE (AMPERES/µSEC)
Figure 5, Reverse Recovery Time vs Current Slew Rate
Figure 6, Forward Recovery Voltage/Time vs Current Slew Rate
VR, REVERSE VOLTAGE (VOLTS)
Figure 7, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
APT15GT60BRD
D=0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
NOTE:
DM
JC
C
J=+
DUTY FACTOR D = t12
/
PEAK T
P
x Z
T
t
2
t
t1
0
1
2
3
10
50
100
500
1000
0
200
400
600
800
1000
-50
-25
0
25
50
75
100 125
150
0
200
400
600
800
1000
0
200
400
600
800
1000
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
TJ = 100°C
VR = 350V
TJ = 100°C
VR = 350V
15A
7.5A
15A
30A
Qrr
trr
Qrr
IRRM
trr
30A
7.5A
TJ = 100°C
VR = 350V
30A
15A
7.5A
60
50
40
30
20
10
0
40
30
20
10
0
100
80
60
40
20
0
2.0
1.0
0.5
0.1
0.05
0.01
0.005
TJ = 150°C
TJ = 100°C
TJ = 25°C
TJ = -55°C
TJ = 100°C
VR = 350V
IF = 15A
Vfr
1200
1000
800
600
400
200
0
2.0
1.6
1.2
0.8
0.4
0.0
500
400
300
200
100
0
25
20
15
10
5
0
tfr


Similar Part No. - APT15GT60BRD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
   Thunderbolt IGBT
APT15GT60BRDQ1G ADPOW-APT15GT60BRDQ1G Datasheet
427Kb / 9P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT15GT60BRDQ1G MICROSEMI-APT15GT60BRDQ1G Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results

Similar Description - APT15GT60BRD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30GT60CR ADPOW-APT30GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT12GT60BR ADPOW-APT12GT60BR Datasheet
24Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs
APT60GT60JRD ADPOW-APT60GT60JRD Datasheet
75Kb / 5P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT30GT60KR ADPOW-APT30GT60KR Datasheet
25Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60AR ADPOW-APT20GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60CR ADPOW-APT20GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT60GT60JR ADPOW-APT60GT60JR Datasheet
32Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT8GT60KR ADPOW-APT8GT60KR Datasheet
87Kb / 4P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT30GT60AR ADPOW-APT30GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT15GT60BR ADPOW-APT15GT60BR Datasheet
24Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT15GT60KR ADPOW-APT15GT60KR Datasheet
25Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com