Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETM-SAW01C-ELH0CE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ETM-SAW01C-ELH0CE
Description  Surface Acoustic Wave Touch Control Board
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ETM-SAW01C-ELH0CE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ETM-SAW01C-ELH0CE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Touch Modules
All product specifications are subject to change without notice
Last updated : 9-May-2011
ETM-RES02C
Resistive Touch Control Board
Features
ƒ Resistive touch technology, supports 4/5-wire touchscreen
ƒ USB & RS-232 interface
ƒ Quick conversion time approximately 10 ms
ƒ High resolution support to 4096 x 4096
ƒ TouchWare, touch software package
Specifications
Touch Technology
Resistive type
Host Site Interface
USB: Conforms to USB 1.1
RS-232 serial: 8 data bits, 1 stop bit, no parity, and
full duplex.
Communication Baud Rate
9,600 (default) and 19,200
Host Site Connector
USB Port: 2.0 mm, 4-pin, male header
RS-232 Port: 2.0 mm, 4-pin, male header
Power Port: 2.0 mm, 2-pin, male header
Touchscreen Connector
4-wire: 1.0 mm, 4-pin, FPC type, double contact type
5-wire: 2.54 mm, 5-pin, male header
5-wire: 2.0 mm, 8-pin, male header
Supported Voltage and
Current
+ 5.0 V, 500 mA
Touch Resolution
4096 x 4096, Size independent
Conversion Time
Approximately 10 ms per coordinate set
LED Status
Touch activated LED indicator
Temperature Ranges
Operating: -20 to +85° C
Storage: -40 to +85° C
MTBF
> 4,000,000 hours
Vibration & Shock
Three axis sine wave, 5 ~ 500 Hz, 3.5 G, 2 minutes/
Octave with dwell on resonances
Dimensions (L x W x H)
62 x 33 x 10.26 mm
Ordering Information
Part No.
Product Description
ETM-RES02C-ADH3EE
Touch Control Board, Horizontal, 4/5-wire RES,
-20 ~ +85° C
RoHS
COMPLIANT
2002/95/EC
ETM-SAW01C
Surface Acoustic Wave Touch Control Board
RoHS
COMPLIANT
2002/95/EC
Features
ƒ Surface Acoustic Wave touch technology
ƒ USB & RS-232 interface
ƒ Quick conversion time approximately 10 ms
ƒ High resolution support to 4096 x 4096
ƒ TouchWare, touch software package
Specifications
Touch Technology
Surface Acoustic Wave type
Host Site Interface
USB: Conforms to USB 1.1
RS-232 serial: 8 data bits, 1 stop bit, no parity, and
full duplex.
Communication Baud Rate
9,600 (default) and 19,200
Host Site Connector
MOLEX 53505-2090, 1.25 mm, 20-pin
Touchscreen Connector
Mounted male header, 1.0 mm, 2 x 6-pin
LIF type, 10-pin
Supported Voltage and
Current
+ 5.0 V, 500 mA
Touch Resolution
4096 x 4096, Size independent
Conversion Time
Approximately 10 ms per coordinate set
LED Status
Touch activated LED indicator
Temperature Ranges
Operating: 0 to +65° C
Storage: -25 to +85° C
MTBF
> 1,543,000 hours
Vibration & Shock
Three axis sine wave, 50 ~ 2 KHz, 1G, 2 minutes/
Octave with dwell on resonances
Dimensions (L x W x H)
83.82 x 53.3 x 10.16 mm
Ordering Information
Part No.
Product Description
ETM-SAW01C-ELH0CE
Touch Control Board, Horizontal, SAW, 0 ~ +65° C
NEW
NEW


Similar Part No. - ETM-SAW01C-ELH0CE

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ETM-SX ETA-USA-ETM-SX Datasheet
137Kb / 2P
   2.4 KW 180-264VAC
More results

Similar Description - ETM-SAW01C-ELH0CE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39871R858H210 EPCOS-B39871R858H210 Datasheet
250Kb / 9P
   Surface Acoustic Wave Components for RF Control Systems
logo
Advanced Crystal Techno...
ACTQ973 ACT-ACTQ973 Datasheet
59Kb / 3P
   surface-acoustic-wave (SAW)
SEPT 04
ACTQ384 ACT-ACTQ384 Datasheet
60Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR0010 ACT-ACTR0010 Datasheet
56Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ0016 ACT-ACTQ0016 Datasheet
65Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ380 ACT-ACTQ380 Datasheet
63Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ434 ACT-ACTQ434_1 Datasheet
64Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ530 ACT-ACTQ530 Datasheet
59Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ550 ACT-ACTQ550 Datasheet
65Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ418 ACT-ACTQ418 Datasheet
62Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com